Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5898 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5898
Description  16-Bit, 500Msps, Interpolating and Modulating Dual DAC with Interleaved LVDS Inputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5898 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5898 Datasheet HTML 6Page - Maxim Integrated Products MAX5898 Datasheet HTML 7Page - Maxim Integrated Products MAX5898 Datasheet HTML 8Page - Maxim Integrated Products MAX5898 Datasheet HTML 9Page - Maxim Integrated Products MAX5898 Datasheet HTML 10Page - Maxim Integrated Products MAX5898 Datasheet HTML 11Page - Maxim Integrated Products MAX5898 Datasheet HTML 12Page - Maxim Integrated Products MAX5898 Datasheet HTML 13Page - Maxim Integrated Products MAX5898 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
16-Bit, 500Msps, Interpolating and Modulating
Dual DAC with Interleaved LVDS Inputs
10
______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
CLKP
Noninverting Differential Clock Input. Internally biased to AVCLK / 2.
2
CLKN
Inverting Differential Clock Input. Internally biased to AVCLK / 2.
3
N.C.
Internally Connected. Do not connect.
4
DATACLKP
LVDS Data Clock Input/Output. External 100
Ω termination to DATACLKN required.
5
DATACLKN
Complementary LVDS Data Clock Input/Output. External 100
Ω termination to DATACLKP required.
6, 21, 30, 37
DVDD1.8
Digital Power Supply. Accepts a 1.71V to 1.89V supply range. Bypass each pin to ground with a
0.1µF capacitor as close to the pin as possible.
7
SELIQN
Complementary LVDS Channel Select Input. Set SELIQN low and SELIQP high to direct data to
the channel. Set SELIQP low and SELIQN high to direct data to the channel. Internal 110
Ω
termination to SELIQP.
8
SELIQP
LVDS Channel Select Input. Set SELIQN low and SELIQP high to direct data to the channel. Set
SELIQP low and SELIQN high to direct data to the channel. Internal 110
Ω termination to SELIQN.
9
D15N
Complementary LVDS Data Bit 15 (MSB). Internal 110
Ω termination to D15P.
10
D15P
LVDS Data Bit 15 (MSB). Internal 110
Ω termination to D15N.
11
D14N
Complementary LVDS Data Bit 14. Internal 110
Ω termination to D14P.
12
D14P
LVDS Data Bit 14. Internal 110
Ω termination to D14N.
13
D13N
Complementary LVDS Data Bit 13. Internal 110
Ω termination to D13P.
14
D13P
LVDS Data Bit 13. Internal 110
Ω termination to D13N.
15
D12N
Complementary LVDS Data Bit 12. Internal 110
Ω termination to D12P.
16
D12P
LVDS Data Bit 12. Internal 110
Ω termination to D12N.
17
D11N
Complementary LVDS Data Bit 11. Internal 110
Ω termination to D11P.
18
D11P
LVDS Data Bit 11. Internal 110
Ω termination to D11N.
19
D10N
Complementary LVDS Data Bit 10. Internal 110
Ω termination to D10P.
20
D10P
LVDS Data Bit 10. Internal 110
Ω termination to D10N.
22
D9N
Complementary LVDS Data Bit 9. Internal 110
Ω termination to D9P.
23
D9P
LVDS Data Bit 9. Internal 110
Ω termination to D9N.
24
D8N
Complementary LVDS Data Bit 8. Internal 110
Ω termination to D8P.
25
D8P
LVDS Data Bit 8. Internal 110
Ω termination to D8N.
26
D7N
Complementary LVDS Data Bit 7. Internal 110
Ω termination to D7P.
27
D7P
LVDS Data Bit 7. Internal 110
Ω termination to D7N.
28
D6N
Complementary LVDS Data Bit 6. Internal 110
Ω termination to D6P.
29
D6P
LVDS Data Bit 6. Internal 110
Ω termination to D6N.
31
D5N
Complementary LVDS Data Bit 5. Internal 110
Ω termination to D5P.
32
D5P
LVDS Data Bit 5. Internal 110
Ω termination to D5N.
33
D4N
Complementary LVDS Data Bit 4. Internal 110
Ω termination to D4P.
34
D4P
LVDS Data Bit 4. Internal 110
Ω termination to D4N.


Similar Part No. - MAX5898

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5890 MAXIM-MAX5890 Datasheet
412Kb / 15P
   16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs
Rev 0; 2/05
MAX5890 MAXIM-MAX5890 Datasheet
274Kb / 14P
   MAX5889/MAX5890/MAX5891 Evaluation Kits
Rev 2; 7/07
MAX5890EVKIT MAXIM-MAX5890EVKIT Datasheet
274Kb / 14P
   MAX5889/MAX5890/MAX5891 Evaluation Kits
Rev 2; 7/07
MAX5891 MAXIM-MAX5891 Datasheet
412Kb / 15P
   16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs
Rev 0; 2/05
MAX5891 MAXIM-MAX5891 Datasheet
274Kb / 14P
   MAX5889/MAX5890/MAX5891 Evaluation Kits
Rev 2; 7/07
More results

Similar Description - MAX5898

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5895 MAXIM-MAX5895_08 Datasheet
314Kb / 31P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5895 MAXIM-MAX5895 Datasheet
807Kb / 32P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5893 MAXIM-MAX5893 Datasheet
426Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5893 MAXIM-MAX5893_08 Datasheet
289Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5894 MAXIM-MAX5894_08 Datasheet
299Kb / 32P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5894 MAXIM-MAX5894_07 Datasheet
403Kb / 33P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 1; 4/07
MAX5888 MAXIM-MAX5888 Datasheet
746Kb / 18P
   3.3V, 16-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2726; Rev 3; 12/03
MAX5855 MAXIM-MAX5855 Datasheet
2Mb / 128P
   16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
   16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com