Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5096 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5096
Description  40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5096 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5096 Datasheet HTML 5Page - Maxim Integrated Products MAX5096 Datasheet HTML 6Page - Maxim Integrated Products MAX5096 Datasheet HTML 7Page - Maxim Integrated Products MAX5096 Datasheet HTML 8Page - Maxim Integrated Products MAX5096 Datasheet HTML 9Page - Maxim Integrated Products MAX5096 Datasheet HTML 10Page - Maxim Integrated Products MAX5096 Datasheet HTML 11Page - Maxim Integrated Products MAX5096 Datasheet HTML 12Page - Maxim Integrated Products MAX5096 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
40V, 600mA Buck Converters with Low-
Quiescent-Current Linear Regulator Mode
_______________________________________________________________________________________
9
Pin Description
PIN
TQFN
TSSOP
NAME
FUNCTION
1
4
PGND
Power Ground. Return path for p-channel power MOSFET driver. Connect the input
capacitor return, freewheeling diode anode, and output capacitor return terminals to
PGND.
2
5
SGND
Signal Ground. Connect SGND to PGND near the input bypass capacitor return terminal.
36
RESET
Open-Drain, Active-Low Reset Output.
RESET asserts low when OUT drops below the
reset threshold. When output rises above 92% of the programmed level,
RESET
becomes high impedance after the reset timeout period. Connect a pullup resistor from
RESET to the converter output to create a logic output.
47
BP
4V Internal Regulator Output. Bypass BP to SGND with a 1µF or greater ceramic
capacitor.
5
9
SYNC
Synchronization Input. Connect SYNC to an external clock for synchronization. Connect
SYNC to SGND when not used.
610
SS
Soft-Start Timer Input. Connect an external capacitor from SS to SGND to adjust the soft-
start timeout period (see the Soft-Start (SS) section).
711
CT
Reset Timeout Period. Connect a capacitor from CT to SGND to set the reset timeout
period (see the Power-On Reset Output
RESET section).
8
12
COMP
Buck Converter (Buck Mode) Control Loop Compensation. See the Compensation
Network section for compensation network design. LDO mode does not need external
compensation.
913
LDO/
BUCK
LDO Mode/Buck Mode Select. Drive LDO/
BUCK low to select the Buck Mode. The Buck
Mode activates after 32 internal/external clock cycles. Force the LDO/
BUCK high (> 2V),
to select LDO Mode. The Buck Mode stops and LDO Mode is activated with a 100µs
delay.
10
15
ADJ
Regulator Output Feedback Point. Connect ADJ to SGND for a fixed 3.3V
(MAX5096A/MAX5097A) or 5V (MAX5096B/MAX5097B). For adjustable output voltage,
use an external resistive divider to set VOUT. VADJ regulating set point is 1.237V.
11
16
OUT
Converter Output. OUT must always be connected to the regulator output. Connect at
least a 22µF low-ESR (equivalent series resistance) capacitor from OUT to PGND for
stable operation.
12
17
EN
Enable Input. EN is internally pulled to ground. Drive EN high to turn on the regulator.
Force EN low or leave unconnected to place the device in shutdown mode.
13, 14
19, 20
LX
Drain Connection of Internal p-Channel High-Side Switch
15, 16
1, 2, 3
IN
Regulator Input. Bypass IN to PGND with a parallel combination of low-ESR ceramic and
aluminum capacitor to handle the input ripple current.
8, 14, 18
N. C.
No Connection. Not internally connected.
EP
EP
EP
Exposed Pad. Connect externally to a large ground plane (SGND) for improved heat
dissipation. Do not use EP as an electrical ground connection.


Similar Part No. - MAX5096

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5096 MAXIM-MAX5096 Datasheet
3Mb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 0; 7/06
MAX5096 MAXIM-MAX5096 Datasheet
532Kb / 21P
   40V, 600mA Buck Converters with Low- Quiescent-Current Linear Regulator Mode
Rev 2; 9/07
MAX5096 MAXIM-MAX5096 Datasheet
1Mb / 18P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
2015
MAX5096A MAXIM-MAX5096A Datasheet
3Mb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 0; 7/06
MAX5096AATE++ MAXIM-MAX5096AATE+ Datasheet
3Mb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 0; 7/06
More results

Similar Description - MAX5096

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5096_0709 MAXIM-MAX5096_0709 Datasheet
532Kb / 21P
   40V, 600mA Buck Converters with Low- Quiescent-Current Linear Regulator Mode
Rev 2; 9/07
MAX5096 MAXIM-MAX5096_V01 Datasheet
1Mb / 18P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
2015
MAX5096 MAXIM-MAX5096 Datasheet
3Mb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 0; 7/06
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Freescale Semiconductor...
34727 FREESCALE-34727 Datasheet
1Mb / 19P
   600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com