Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAMSS0060 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAMSS0060
Description  Broadband CATV Amplifier 50 - 1000 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0060 Datasheet(HTML) 4 Page - Tyco Electronics

  MAAMSS0060 Datasheet HTML 1Page - Tyco Electronics MAAMSS0060 Datasheet HTML 2Page - Tyco Electronics MAAMSS0060 Datasheet HTML 3Page - Tyco Electronics MAAMSS0060 Datasheet HTML 4Page - Tyco Electronics MAAMSS0060 Datasheet HTML 5Page - Tyco Electronics MAAMSS0060 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
4
Broadband CATV Amplifier
50 - 1000 MHz
M/A-COM Products
Rev. V1
MAAMSS0060
ADVANCED:
Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Gain to 3 GHz over Temperature
Gain to 1 GHz over Temperature
Typical Performance Curves: 17dB Gain Configuration
Noise Figure
10
12
14
16
18
20
0
200
400
600
800
1000
+25°C
-40°C
+85°C
Frequency (MHz)
-10
-5
0
5
10
15
20
0
500
1000
1500
2000
2500
3000
+25°C
-40°C
+85°C
Frequency (MHz)
-35
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
+25°C
-40°C
+85°C
Frequency (MHz)
Output Return Loss over Temperature
Input Return Loss over Temperature
-35
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
+25°C
-40°C
+85°C
Frequency (MHz)
0
1
2
3
4
5
0
200
400
600
800
1000
+25°C
Frequency (MHz)


Similar Part No. - MAAMSS0060

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
188Kb / 6P
   Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
188Kb / 6P
   Broadband CATV Amplifier
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
857Kb / 7P
   Broadband CATV Amplifier
MAAMSS0060TR MA-COM-MAAMSS0060TR Datasheet
188Kb / 6P
   Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0060TR MA-COM-MAAMSS0060TR Datasheet
857Kb / 7P
   Broadband CATV Amplifier
More results

Similar Description - MAAMSS0060

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0042 MACOM-MAAMSS0042 Datasheet
157Kb / 4P
   Broadband CATV Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0041 MA-COM-MAAMSS0041 Datasheet
169Kb / 4P
   Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0042 MA-COM-MAAMSS0042 Datasheet
158Kb / 4P
   Broadband CATV Amplifier 50 - 1000 MHz
MAAM-007807 MA-COM-MAAM-007807 Datasheet
163Kb / 4P
   Broadband CATV Amplifier 50 - 1000 MHz
logo
Tyco Electronics
MAAMSS0031 MACOM-MAAMSS0031 Datasheet
273Kb / 6P
   Broadband CATV Amplifier, 50 - 1000 MHz
MAAMSS0041 MACOM-MAAMSS0041 Datasheet
159Kb / 4P
   Broadband CATV Amplifier 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAM-009100 MA-COM-MAAM-009100 Datasheet
164Kb / 4P
   Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0031 MA-COM-MAAMSS0031 Datasheet
168Kb / 4P
   Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
188Kb / 6P
   Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0003 MA-COM-MAAMSS0003 Datasheet
93Kb / 4P
   Low Noise CATV Amplifier 50 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com