Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX19705 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX19705
Description  10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19705 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX19705 Datasheet HTML 6Page - Maxim Integrated Products MAX19705 Datasheet HTML 7Page - Maxim Integrated Products MAX19705 Datasheet HTML 8Page - Maxim Integrated Products MAX19705 Datasheet HTML 9Page - Maxim Integrated Products MAX19705 Datasheet HTML 10Page - Maxim Integrated Products MAX19705 Datasheet HTML 11Page - Maxim Integrated Products MAX19705 Datasheet HTML 12Page - Maxim Integrated Products MAX19705 Datasheet HTML 13Page - Maxim Integrated Products MAX19705 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10-Bit, 45Msps, Ultra-Low-Power
Analog Front-End
10
______________________________________________________________________________________
Rx ADC CHANNEL-IA FFT PLOT
FREQUENCY (MHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
0
2.5 5.0 7.5 10.0 12.5 15.0 17.5 20.0 22.5
fCLK = 45.006848MHz
fIA = 13.00155MHz
16,384-POINT
DATA RECORD
Rx ADC CHANNEL-QA FFT PLOT
FREQUENCY (MHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
0
2.5 5.0 7.5 10.0 12.5 15.0 17.5 20.0 22.5
fCLK = 45.006848MHz
fQA = 13.00155MHz
16,384-POINT
DATA RECORD
Rx ADC CHANNEL-IA
TWO-TONE FFT PLOT
FREQUENCY (MHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
0
2.5 5.0 7.5 10.0 12.5 15.0 17.5 20.0 22.5
fCLK = 45.006848MHz
f1 = 1.4MHz
f2 = 1.8MHz
AIA = -7dBFS
PER TONE
8192-POINT
DATA RECORD
Rx ADC CHANNEL-QA
TWO-TONE FFT PLOT
FREQUENCY (MHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
0
2.5 5.0 7.5 10.0 12.5 15.0 17.5 20.0 22.5
fCLK = 45.006848MHz
f1 = 1.4MHz
f2 = 1.8MHz
AQA = -7dBFS
PER TONE
8192-POINT
DATA RECORD
Rx ADC SIGNAL-TO-NOISE RATIO
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
80
60
20
40
51
52
53
54
55
56
50
0
100
QA
IA
Rx ADC SIGNAL-TO-NOISE AND DISTORTION
RATIO vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
80
60
20
40
51
52
53
54
55
56
50
0100
QA
IA
Rx ADC TOTAL HARMONIC DISTORTION
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
80
60
20
40
-60
-65
-70
-75
-80
-85
-90
-55
-95
0
100
QA
IA
Rx ADC SPURIOUS-FREE DYNAMIC RANGE
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
80
60
20
40
85
80
75
70
65
60
0
100
QA
IA
Rx ADC SIGNAL-TO-NOISE RATIO
vs. ANALOG INPUT AMPLITUDE
ANALOG INPUT AMPLITUDE (dBFS)
-3
-6
-9
-12
-15
-18
30
60
50
40
20
10
0
-21
0
fIN = 13.00155MHz
QA
IA
Typical Operating Characteristics
(VDD = 3V, OVDD = 1.8V, internal reference (1.024V), CL
≈ 10pF on all digital outputs, fCLK = 45MHz (50% duty cycle), Rx ADC input
amplitude = -0.5dBFS, Tx DAC output amplitude = 0dBFS, differential Rx ADC input, differential Tx DAC output, CREFP = CREFN =
CCOM = 0.33µF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX19705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1970 MAXIM-MAX1970 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX1970 MAXIM-MAX1970 Datasheet
277Kb / 21P
   Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
Rev 1; 2/09
MAX1970-MAX1972 MAXIM-MAX1970-MAX1972 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX19700EVCMOD2 MAXIM-MAX19700EVCMOD2 Datasheet
998Kb / 18P
   ADC/DAC Sampling Rate Up to 7.5Msps
Rev 0; 6/05
MAX19700EVKIT MAXIM-MAX19700EVKIT Datasheet
998Kb / 18P
   ADC/DAC Sampling Rate Up to 7.5Msps
Rev 0; 6/05
More results

Similar Description - MAX19705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19713 MAXIM-MAX19713 Datasheet
879Kb / 37P
   10-Bit, 45Msps, Full-Duplex Analog Front-End
Rev 1; 9/06
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
logo
Maxim Integrated Produc...
MAX1193 MAXIM-MAX1193 Datasheet
645Kb / 26P
   Ultra-Low-Power, 45Msps, Dual 8-Bit ADC
Rev 1; 9/03
MAX19710 MAXIM-MAX19710 Datasheet
818Kb / 37P
   10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19712 MAXIM-MAX19712 Datasheet
770Kb / 36P
   10-Bit, 22Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19711 MAXIM-MAX19711 Datasheet
957Kb / 36P
   10-Bit, 11Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
   LOW POWER LOW VOLTAGE ANALOG FRONT END
logo
Maxim Integrated Produc...
MAX5864 MAXIM-MAX5864 Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
logo
Texas Instruments
VSP1021 TI1-VSP1021_14 Datasheet
628Kb / 6P
[Old version datasheet]   3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
logo
Maxim Integrated Produc...
MAX5863 MAXIM-MAX5863 Datasheet
1Mb / 26P
   Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
19-2914; Rev 1; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com