Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE900075 Datasheet(PDF) 5 Page - NEC

Part # NE900075
Description  Ku-BAND MEDIUM POWER GaAs MESFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE900075 Datasheet(HTML) 5 Page - NEC

  NE900075 Datasheet HTML 1Page - NEC NE900075 Datasheet HTML 2Page - NEC NE900075 Datasheet HTML 3Page - NEC NE900075 Datasheet HTML 4Page - NEC NE900075 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NE9000, NE9001, NE9002 SERIES
TYPICAL SMALL SIGNAL SCATTERING PARAMETERS
GHZ
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
K
MAG1
2.0
0.900
-123.000
3.670
95.000
0.060
24.000
0.230
-97.000
0.325
17.865
3.0
0.900
-146.000
2.760
76.000
0.060
15.000
0.250
-117.000
0.397
16.628
4.0
0.870
-161.000
2.140
54.000
0.060
3.000
0.280
-131.000
0.698
15.523
5.0
0.860
-172.000
1.820
46.000
0.060
3.000
0.320
-143.000
0.850
14.819
6.0
0.850
-180.000
1.610
26.000
0.060
1.000
0.370
-152.000
0.974
14.287
7.0
0.850
172.000
1.510
16.000
0.060
-1.000
0.410
-161.000
0.972
14.008
8.0
0.830
162.000
1.500
1.000
0.060
-3.000
0.450
-170.000
1.051
12.595
9.0
0.770
151.000
1.520
-12.000
0.070
-5.000
0.480
-178.000
1.162
10.931
10.0
0.690
135.000
1.600
-34.000
0.080
-16.000
0.510
173.000
1.227
10.140
11.0
0.560
108.000
1.770
-51.000
0.090
-26.000
0.540
162.000
1.311
9.594
12.0
0.440
56.000
1.880
-80.000
0.100
-51.000
0.590
147.000
1.259
9.681
13.0
0.480
-19.000
1.770
-116.000
0.090
-85.000
0.610
128.000
1.408
9.136
14.0
0.690
-69.000
1.480
-146.000
0.070
-121.000
0.610
108.000
1.392
9.522
15.0
0.820
-97.000
1.110
-175.000
0.050
-165.000
0.570
85.000
1.624
8.835
16.0
0.900
-115.000
0.860
162.000
0.040
158.000
0.560
65.000
1.416
9.487
17.0
0.920
-126.000
0.650
141.000
0.040
114.000
0.580
48.000
1.498
7.938
18.0
0.940
-136.000
0.540
127.000
0.050
89.000
0.590
36.000
1.020
9.472
FREQUENCY
S11
S21
S12
S22
S22
18 GHZ
S22
2 GHZ
S11
18 GHZ
S11
2 GHZ
+120˚
+150˚
±180˚
+90˚
+60˚
+30˚
-120˚
-150˚
-90˚
-60˚
-30˚
S21
2 GHZ
S12
18 GHZ
S12
2 GHZ
S21
18 GHZ
Note:
1. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
NE900275
VDS = 8 V, ID = 180 mA
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER -11/97
DATA SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - NE900075

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE9001 RENESAS-NE9001 Datasheet
609Kb / 10P
   GaAs MES FET
1987
NE900100 RENESAS-NE900100 Datasheet
609Kb / 10P
   GaAs MES FET
1987
NE900100G RENESAS-NE900100G Datasheet
609Kb / 10P
   GaAs MES FET
1987
NE900175 RENESAS-NE900175 Datasheet
609Kb / 10P
   GaAs MES FET
1987
NE900176 RENESAS-NE900176 Datasheet
609Kb / 10P
   GaAs MES FET
1987
More results

Similar Description - NE900075

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ1011-2E NEC-NEZ1011-2E Datasheet
81Kb / 12P
   2W X, Ku-BAND POWER GaAs MESFET
NEZ1011-8E NEC-NEZ1011-8E Datasheet
82Kb / 12P
   8W X, Ku-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE960R275 CEL-NE960R275 Datasheet
30Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
logo
NEC
NEZ1011-4E NEC-NEZ1011-4E Datasheet
82Kb / 12P
   4W X, Ku-BAND POWER GaAs MESFET
NE960R275 NEC-NE960R275_01 Datasheet
29Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
NE13700 NEC-NE13700 Datasheet
194Kb / 5P
   LOW NOISE KU-BAND GAAS MESFET
logo
California Eastern Labs
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
NE8500100 CEL-NE8500100 Datasheet
64Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
logo
NEC
NE850R599A NEC-NE850R599A Datasheet
19Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
NE8500100 NEC-NE8500100_00 Datasheet
63Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com