Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX19700 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX19700
Description  10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19700 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX19700 Datasheet HTML 3Page - Maxim Integrated Products MAX19700 Datasheet HTML 4Page - Maxim Integrated Products MAX19700 Datasheet HTML 5Page - Maxim Integrated Products MAX19700 Datasheet HTML 6Page - Maxim Integrated Products MAX19700 Datasheet HTML 7Page - Maxim Integrated Products MAX19700 Datasheet HTML 8Page - Maxim Integrated Products MAX19700 Datasheet HTML 9Page - Maxim Integrated Products MAX19700 Datasheet HTML 10Page - Maxim Integrated Products MAX19700 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
10-Bit, 45Msps, Ultra-Low-Power
Analog Front-End
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3V, OVDD = 1.8V, internal reference (1.024V), CL
≈ 10pF on all digital outputs, fCLK = 45MHz (50% duty cycle), Rx ADC input
amplitude = -0.5dBFS, Tx DAC output amplitude = 0dBFS, differential Rx ADC input, differential Tx DAC output, CREFP = CREFN =
CCOM = 0.33µF, unless otherwise noted. CL < 5pF on all aux-DAC outputs. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Q-DAC DATA to CLK Rise Setup
Time
tDSQ
Figure 5 (Note 6)
9
ns
CLK Fall to I-DAC Data Hold Time
tDHI
Figure 5 (Note 6)
-4
ns
CLK Rise to Q-DAC Data Hold
Time
tDHQ
Figure 5 (Note 6)
-4
ns
CLK Duty Cycle
50
%
CLK Duty-Cycle Variation
±15
%
Digital Output Rise/Fall Time
20% to 80%
2.6
ns
SERIAL-INTERFACE TIMING CHARACTERISTICS (Figure 6, Note 6)
Falling Edge of CS to Rising Edge
of First SCLK Time
tCSS
10
ns
DIN to SCLK Setup Time
tDS
10
ns
DIN to SCLK Hold Time
tDH
0ns
SCLK Pulse-Width High
tCH
25
ns
SCLK Pulse-Width Low
tCL
25
ns
SCLK Period
tCP
50
ns
SCLK to CS Setup Time
tCS
10
ns
CS High Pulse Width
tCSW
80
ns
CS High to DOUT Active High
tCSD
Bit AD0 set
200
ns
CS High to DOUT Low (Aux-ADC
Conversion Time)
tCONV
Bit AD0 set, no averaging (see Table 14),
fCLK = 45MHz,
CLK divider = 16 (see Table 15)
4.27
µs
DOUT Low to CS Setup Time
tDCS
Bit AD0, AD10 set
200
ns
SCLK Low to DOUT Data Out
tCD
Bit AD0, AD10 set
14.5
ns
CS High to DOUT High Impedance
tCHZ
Bit AD0, AD10 set
200
ns
MODE-RECOVERY TIMING CHARACTERISTICS (Figure 7)
From shutdown to Rx mode, ADC settles
to within 1dB SINAD
85.2
Shutdown Wake-Up Time
tWAKE,SD
From shutdown to Tx mode, DAC settles to
within 10 LSB error
28.2
µs
From idle to Rx mode with CLK present
during idle, ADC settles to within 1dB SINAD
9.8
Idle Wake-Up Time (With CLK)
tWAKE,ST0
From idle to Tx mode with CLK present
during idle, DAC settles to 10 LSB error
6.4
µs
From standby to Rx mode, ADC settles to
within 1dB SINAD
13.7
Standby Wake-Up Time
tWAKE,ST1
From standby to Tx mode, DAC settles to
10 LSB error
24
µs


Similar Part No. - MAX19700

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19700EVCMOD2 MAXIM-MAX19700EVCMOD2 Datasheet
998Kb / 18P
   ADC/DAC Sampling Rate Up to 7.5Msps
Rev 0; 6/05
MAX19700EVKIT MAXIM-MAX19700EVKIT Datasheet
998Kb / 18P
   ADC/DAC Sampling Rate Up to 7.5Msps
Rev 0; 6/05
More results

Similar Description - MAX19700

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19713 MAXIM-MAX19713 Datasheet
879Kb / 37P
   10-Bit, 45Msps, Full-Duplex Analog Front-End
Rev 1; 9/06
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
logo
Maxim Integrated Produc...
MAX1193 MAXIM-MAX1193 Datasheet
645Kb / 26P
   Ultra-Low-Power, 45Msps, Dual 8-Bit ADC
Rev 1; 9/03
MAX19710 MAXIM-MAX19710 Datasheet
818Kb / 37P
   10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19712 MAXIM-MAX19712 Datasheet
770Kb / 36P
   10-Bit, 22Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19711 MAXIM-MAX19711 Datasheet
957Kb / 36P
   10-Bit, 11Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
   LOW POWER LOW VOLTAGE ANALOG FRONT END
logo
Maxim Integrated Produc...
MAX5864 MAXIM-MAX5864 Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
logo
Texas Instruments
VSP1021 TI1-VSP1021_14 Datasheet
628Kb / 6P
[Old version datasheet]   3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
logo
Maxim Integrated Produc...
MAX5863 MAXIM-MAX5863 Datasheet
1Mb / 26P
   Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
19-2914; Rev 1; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com