Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16821A Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16821A
Description  High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16821A Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16821A Datasheet HTML 4Page - Maxim Integrated Products MAX16821A Datasheet HTML 5Page - Maxim Integrated Products MAX16821A Datasheet HTML 6Page - Maxim Integrated Products MAX16821A Datasheet HTML 7Page - Maxim Integrated Products MAX16821A Datasheet HTML 8Page - Maxim Integrated Products MAX16821A Datasheet HTML 9Page - Maxim Integrated Products MAX16821A Datasheet HTML 10Page - Maxim Integrated Products MAX16821A Datasheet HTML 11Page - Maxim Integrated Products MAX16821A Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
High-Power Synchronous HBLED
Drivers with Rapid Current Pulsing
8
_______________________________________________________________________________________
Detailed Description
The MAX16821A/MAX16821B/MAX16821C are high-per-
formance average current-mode PWM controllers for
high-power and high-brightness LEDs (HBLEDs). The
average current-mode control technique offers inherently
stable operation, reduces component derating and size
by accurately controlling the inductor current. The
devices achieve high efficiency at high currents (up to
30A) with a minimum number of external components. A
logic input (MODE) allows the LED driver to switch
between buck and boost modes of operation.
The MAX16821A/MAX16821B/MAX16821C feature a
CLKOUT output 180° out-of-phase with respect to either
the high-side or low-side driver, depending on MODE’s
logic level. CLKOUT provides the drive for a second
out-of-phase LED driver for applications requiring
reduced input capacitor ripple current while operating
another LED driver.
The MAX16821A/MAX16821B/MAX16821C consist of
an inner average current regulation loop controlled by
an outer loop. The combined action of the inner current
loop and outer voltage loop corrects the LED current
errors by adjusting the inductor current resulting in a
tightly regulated LED current. The differential amplifier
(SENSE+ and SENSE- inputs) senses the LED current
using a resistor in series with the LEDs and produces
an amplified version of the sense voltage at DIFF. The
resulting amplified sensed voltage is compared against
an internal 0.6V reference at the error amplifier input.
Input Voltage
The MAX16821A/MAX16821B/MAX16821C operate
with a 4.75V to 5.5V input supply range when the inter-
nal LDO is disabled (VCC connected to IN) or a 7V to
28V input supply range when the internal LDO is
enabled. For a 7V to 28V input voltage range, the inter-
nal LDO provides a regulated 5V output with 60mA of
sourcing capability. Bypass VCC to SGND with 4.7µF
and 0.1µF low-ESR ceramic capacitors.
The MAX16821A/MAX16821B/MAX16821C’s VDD input
provides supply voltage for the low-side and the high-
side MOSFET drivers. Connect VDD to VCC using an
R-C filter to isolate the analog circuits from the MOSFET
drivers. The internal LDO powers up the MAX16821A/
MAX16821B/MAX16821C. For applications utilizing a
5V input voltage, disable the internal LDO by connect-
ing IN and VCC together. The 5V power source must be
in the 4.75V to 5.5V range of for proper operation of the
MAX16821A/MAX16821B/MAX16821C.
Undervoltage Lockout (UVLO)
The MAX16821A/MAX16821B/MAX16821C include
UVLO and a 2048 clock-cycle power-on-reset circuit.
The UVLO rising threshold is set to 4.3V with 200mV
hysteresis. Hysteresis at UVLO eliminates chattering
during startup. Most of the internal circuitry, including
the oscillator, turns on when the input voltage reaches
4V. The MAX16821A/MAX16821B/MAX16821C draw up
to 3.5mA of quiescent current before the input voltage
reaches the UVLO threshold.
Soft-Start
The MAX16821A/MAX16821B/MAX16821C include an
internal soft-start for a glitch-free rise of the output volt-
age. After 2048 power-on-reset clock cycles, a 0.6V
reference voltage connected to the positive input of the
internal error amplifier ramps up to its final value after
1024 clock cycles. Soft-start reduces inrush current
and stress on system components. During soft-start,
the LED current will ramp monotonically towards its
final value.
Internal Oscillator
The internal oscillator generates a clock with the fre-
quency inversely proportional to the value of RT (see
the
Typical Operating Circuit). The oscillator frequency
is adjustable from 125kHz to 1.5MHz range using a sin-
gle resistor connected from RT/SYNC to SGND. The
frequency accuracy avoids the overdesign, size, and
cost of passive filter components like inductors and
capacitors. Use the following equation to calculate the
oscillator frequency:
For 120kΩ≤ RT ≤ 500kΩ:
For 40kΩ≤ RT ≤ 120kΩ:
The oscillator also generates a 2VP-P ramp signal for
the PWM comparator and a 180° out-of-phase clock
signal at CLKOUT to drive a second out-of-phase LED
current regulator.
f
x
R
Hz
SW
T
.
()
=
640
10
10
f
x
R
Hz
SW
T
.
()
=
625
10
10


Similar Part No. - MAX16821A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16821A MAXIM-MAX16821A Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
MAX16821A MAXIM-MAX16821A Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
MAX16821A MAXIM-MAX16821A Datasheet
1Mb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
MAX16821AATI++ MAXIM-MAX16821AATI+ Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
MAX16821AATI++ MAXIM-MAX16821AATI+ Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
More results

Similar Description - MAX16821A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16821 MAXIM-MAX16821 Datasheet
1Mb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
MAX16821A MAXIM-MAX16821A_10 Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
MAX16821A MAXIM-MAX16821A_09 Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
MAX16818 MAXIM-MAX16818_09 Datasheet
294Kb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16818 MAXIM-MAX16818_15 Datasheet
1Mb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 4; 5/15
MAX16818 MAXIM-MAX16818 Datasheet
917Kb / 26P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
logo
Diodes Incorporated
PAM2808 DIODES-PAM2808 Datasheet
494Kb / 8P
   5W HIGH POWER HBLED DRIVER
logo
Power Analog Micoelectr...
PAM2808 PAM-PAM2808 Datasheet
165Kb / 8P
   5W High Power HBLED Driver
logo
Alpha & Omega Semicondu...
AOZ1363DI AOSMD-AOZ1363DI Datasheet
1Mb / 13P
   16V High Current Load Switch with Rapid Turn-Off and Current Monitoring Protection
Rev. 1.0 July 2014
logo
National Semiconductor ...
LM2725 NSC-LM2725 Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com