Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9932 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9932
Description  2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9932 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9932 Datasheet HTML 1Page - Maxim Integrated Products MAX9932 Datasheet HTML 2Page - Maxim Integrated Products MAX9932 Datasheet HTML 3Page - Maxim Integrated Products MAX9932 Datasheet HTML 4Page - Maxim Integrated Products MAX9932 Datasheet HTML 5Page - Maxim Integrated Products MAX9932 Datasheet HTML 6Page - Maxim Integrated Products MAX9932 Datasheet HTML 7Page - Maxim Integrated Products MAX9932 Datasheet HTML 8Page - Maxim Integrated Products MAX9932 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX9930–MAX9933 low-cost, low-power logarith-
mic amplifiers are designed to control RF power ampli-
fiers (PA) and transimpedance amplifiers (TIA), and to
detect RF power levels. These devices are designed to
operate in the 2MHz to 1.6GHz frequency range. A typi-
cal dynamic range of 45dB makes this family of logarith-
mic amplifiers useful in a variety of wireless and GPON
fiber video applications such as transmitter power mea-
surement, and RSSI for terminal devices. Logarithmic
amplifiers provide much wider measurement range and
superior accuracy to controllers based on diode detec-
tors. Excellent temperature stability is achieved over the
full operating range of -40°C to +85°C.
The choice of three different input voltage ranges elimi-
nates the need for external attenuators, thus simplifying
PA control-loop design. The logarithmic amplifier is a
voltage-measuring device with a typical signal range of
-58dBV to -13dBV for the MAX9930/MAX9933, -48dBV
to -3dBV for the MAX9931, and -43dBV to +2dBV for
the MAX9932.
The MAX9930–MAX9933 require an external coupling
capacitor in series with the RF input port. These devices
feature a power-on delay when coming out of shutdown,
holding OUT low for approximately 2.5µs to ensure
glitch-free controller output.
The MAX9930–MAX9933 family is available in an 8-pin
µMAX® package. These devices consume 7mA with a
5V supply, and when powered down, the typical shut-
down current is 13µA.
Applications
RSSI for Fiber Modules, GPON-CATV Triplexors
Low-Frequency RF OOK and ASK Applications
Transmitter Power Measurement and Control
TSI for Wireless Terminal Devices
Cellular Handsets (TDMA, CDMA, GPRS, GSM)
Features
o Complete RF-Detecting PA Controllers
(MAX9930/MAX9931/MAX9932)
o Complete RF Detector (MAX9933)
o Variety of Input Ranges
MAX9930/MAX9933: -58dBV to -13dBV
(-45dBm to 0dBm for 50Ω Termination)
MAX9931: -48dBV to -3dBV
(-35dBm to +10dBm for 50Ω Termination)
MAX9932: -43dBV to +2dBV
(-30dBm to +15dBm for 50Ω Termination)
o 2MHz to 1.6GHz Frequency Range
o Temperature Stable Linear-in-dB Response
o Fast Response: 70ns 10dB Step
o 10mA Output Sourcing Capability
o Low Power: 17mW at 3V (typ)
o 13µA (typ) Shutdown Current
o Available in a Small 8-Pin µMAX Package
2MHz to 1.6GHz 45dB RF-Detecting
Controllers and RF Detector
________________________________________________________________
Maxim Integrated Products
1
MAX9930
MAX9931
MAX9932
+
1
2
3
4
VCC
OUT
N.C.
GND
TOP VIEW
RFIN
SHDN
SET
CLPF
8
7
6
5
µMAX
MAX9933
+
1
2
3
4
VCC
OUT
N.C.
GND
RFIN
SHDN
GND
CLPF
8
7
6
5
µMAX
Pin Configurations
19-0859; Rev 0; 8/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Block Diagram located at end of data sheet.
Ordering Information
+
Denotes a lead-free package.
T = Tape and reel.
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX9930EUA+T
-40
oC to +85oC
8 µMAX-8
U8-1
MAX9931EUA+T
-40
oC to +85oC
8 µMAX-8
U8-1
MAX9932EUA+T
-40
oC to +85oC
8 µMAX-8
U8-1
MAX9933EUA+T
-40
oC to +85oC
8 µMAX-8
U8-1
µMAX is a registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX9932

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9932 MAXIM-MAX9932 Datasheet
268Kb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 1; 3/09
MAX9932 MAXIM-MAX9932 Datasheet
138Kb / 6P
   On-Board Quasi-Measurement Mode Circuitry
Rev 0; 8/07
MAX9932EUA+T MAXIM-MAX9932EUA+T Datasheet
268Kb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 1; 3/09
MAX9932EUA+T MAXIM-MAX9932EUA+T Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
More results

Similar Description - MAX9932

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9930 MAXIM-MAX9930_09 Datasheet
268Kb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 1; 3/09
MAX9930 MAXIM-MAX9930_V01 Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
MAX4000 MAXIM-MAX4000_V01 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX4000 MAXIM-MAX4000 Datasheet
670Kb / 18P
   2.5GHz 45dB RF-Detecting Controllers
Rev 1; 7/02
MAX4003 MAXIM-MAX4003 Datasheet
415Kb / 12P
   100MHz to 2500MHz, 45dB RF Detector in a UCSP
Rev 1; 3/03
logo
Linear Technology
LTC4401-1 LINER-LTC4401-1_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-2 LINER-LTC4401-2_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-2 LINER-LTC4400-2_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1 Datasheet
186Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4401-1 LINER-LTC4401-1 Datasheet
190Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com