Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMPCR06 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GMPCR06
Description  SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 0.8A, 400V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GMPCR06 Datasheet(HTML) 1 Page - GTM CORPORATION

  GMPCR06 Datasheet HTML 1Page - GTM CORPORATION GMPCR06 Datasheet HTML 2Page - GTM CORPORATION GMPCR06 Datasheet HTML 3Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GMPCR06
Page: 1/3
ISSUED DATE :2005/12/21
REVISED DATE :2006/03/29B
G
G M
M P
P C
C R
R 0066
S E N S I T I V E G AT E S I L I C O N C O NT R O L L ED R E C T I F I E R S
R E V E R S E B L O C K I N G T H Y R I S T O R S 0 . 8 A , 4 0 0 V
Description
The GMPCR06 PNPN device is designed for high volume, line-powered applications such as relay and lamp
drivers, small motor controls, gate drivers for larger thyristors, and sensing and detection circuits.
Features
&Sensitive Gate Allows Triggering by Microcontrollers and Other Logic Circuits
&
On-state Current Rating of 0.8A RMS at 80 :
&
High Surge Current Capability 10A
&
Minimum and Maximum Values of IGT, VGT and IH Specified for Ease of Design
&
Immunity to dV/dt - 20 V/ sec Minimum at 110 :
&
Glass-Passivated Surface for Reliability and Uniformity
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5°TYP.
M
0.70 REF.
Absolute Maximum Ratings (TJ=25 : unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off-State Voltage(Note1)
(TJ=-40 to 110 : , Sine Wave, 50 to 60Hz; Gate open)
VDRM
VRRM
400
V
On-state RMS Current, (TC=80 : ) 180 HConduction Angles
IT(RMS)
0.8
A
Peak Non-Repetitive Surge Current (1/2 Cycle, Sine Wave, 60Hz, TJ=25 : )
ITSM
10
A
Circuit Fusing Consideration (t=8.3ms)
I2t
0.415
A2S
Forward Peak Gate Power (TA=25 : , Pulse Width 1.0 s)
PGM
100
mW
Forward Average Gate Power (TA=25 : , t=8.3ms)
PG(AV)
10
mW
Forward Peak Gate Current (TA=25 : , Pulse Width 1.0 s)
IGM
1.0
A
Reverse Peak Gate Voltage (TA=25 : , Pulse Width 1.0 s)
VGRM
5.0
V
Operating Junction Temperature Rang @ Rate VRRM and VDRM
TJ
-40 ~ +110
:
Storage Temperature Rage
Tstg
-40 ~ +150
:
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress
limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device function operation is
not implied, damage may occur and reliability may be affected.
Note 1.
VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage:
however, positive gate voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall
not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
SOT-89


Similar Part No. - GMPCR06

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GMPCR06 ETL-GMPCR06 Datasheet
219Kb / 3P
   SENSIT IVE GAT E SILICON CONTROLLED RECT IFIERS REVERSE BLOCKING THYRISTORS 0. 8A, 400V
More results

Similar Description - GMPCR06

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GMCR100 GTM-GMCR100 Datasheet
207Kb / 3P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 0.8A, 400V
logo
Unisonic Technologies
MCK100 UTC-MCK100 Datasheet
173Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100_10 Datasheet
171Kb / 6P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR101 UTC-MCR101_10 Datasheet
183Kb / 5P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100 Datasheet
139Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
logo
ON Semiconductor
MCR716 ONSEMI-MCR716_05 Datasheet
60Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 5
MCR8S ONSEMI-MCR8S Datasheet
58Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
MCR72 ONSEMI-MCR72_05 Datasheet
64Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
NYC008-6JG ONSEMI-NYC008-6JG Datasheet
142Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
January, 2010 ??Rev. 0
logo
SEMTECH ELECTRONICS LTD...
MCR100 SEMTECH_ELEC-MCR100 Datasheet
249Kb / 3P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com