Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38235G3-XXXHP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M38235G3-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38235G3-XXXHP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M38235G3-XXXHP Datasheet HTML 1Page - Renesas Technology Corp M38235G3-XXXHP Datasheet HTML 2Page - Renesas Technology Corp M38235G3-XXXHP Datasheet HTML 3Page - Renesas Technology Corp M38235G3-XXXHP Datasheet HTML 4Page - Renesas Technology Corp M38235G3-XXXHP Datasheet HTML 5Page - Renesas Technology Corp M38235G3-XXXHP Datasheet HTML 6Page - Renesas Technology Corp M38235G3-XXXHP Datasheet HTML 7Page - Renesas Technology Corp M38235G3-XXXHP Datasheet HTML 8Page - Renesas Technology Corp M38235G3-XXXHP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
DESCRIPTION
The 3823 group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 3823 group has the LCD drive control circuit, an 8-channel A/
D converter, a serial interface, a watchdog timer, a ROM correc-
tion function, and as additional functions.
The various microcomputers in the 3823 group include variations
of internal memory size and packaging. For details, refer to the
section on part numbering.
FEATURES
●Basic machine-language instructions ...................................... 71
●The minimum instruction execution time ........................... 0.4 µs
(at f(XIN) = 10 MHz, High-speed mode)
●Memory size
ROM ............................................................... 16 K to 60 K bytes
RAM ................................................................. 640 to 2560 bytes
●ROM correction function .............................. 32 bytes ✕ 2 blocks
●Watchdog timer .............................................................. 8-bit ✕ 1
●Programmable input/output ports ............................................ 49
●Input ports .................................................................................. 5
●Software pull-up/pull-down resistors (Ports P0-P7 except port P40)
●Interrupts ................................................. 17 sources, 16 vectors
(includes key input interrupt)
●Key Input Interrupt (Key-on Wake-Up) ...................................... 8
●Timers ........................................................... 8-bit ✕ 3, 16-bit ✕ 2
●Serial interface ............ 8-bit ✕ 1 (UART or Clock-synchronized)
●A/D converter ............ 10-bit ✕ 8 channels or 8-bit ✕ 8 channels
●LCD drive control circuit
Bias ................................................................................... 1/2, 1/3
Duty ........................................................................... 1/2, 1/3, 1/4
Common output .......................................................................... 4
Segment output ........................................................................ 32
●Main clock generating circuits .............. Built-in feedback resistor
(connect to external ceramic resonator or quartz-crystal oscillator)
●Sub-clock generating circuits
(connect to external quartz-crystal oscillator or on-chip oscillator)
●Power source voltage
In frequency/2 mode (f(XIN) ≤ 10 MHz) ................... 4.5 to 5.5 V
In frequency/2 mode (f(XIN) ≤ 8 MHz) ..................... 4.0 to 5.5 V
In frequency/4 mode (f(XIN) ≤ 10 MHz) ................... 2.5 to 5.5 V
In frequency/4 mode (f(XIN) ≤ 8 MHz) ..................... 2.0 to 5.5 V
In frequency/4 mode (f(XIN) ≤ 5 MHz) ..................... 1.8 to 5.5 V
In frequency/8 mode (f(XIN) ≤ 10 MHz) ................... 2.5 to 5.5 V
In frequency/8 mode (f(XIN) ≤ 8 MHz) ..................... 2.0 to 5.5 V
In frequency/8 mode (f(XIN) ≤ 5 MHz) ..................... 1.8 to 5.5 V
In low-speed mode .................................................... 1.8 to 5.5 V
●Power dissipation
In frequency/2 mode ............................................... 18 mW (std.)
(at f(XIN) = 8 MHz, Vcc = 5 V, Ta = 25 °C)
In low-speed mode at XCIN ................................................ 18 µW (std.)
(at f(XIN) stopped, f(XCIN) = 32 kHz, Vcc = 2.5 V, Ta = 25 °C)
In low-speed mode at on-chip oscillator .................. 35 µW (std.)
(at f(XIN) stopped, f(XCIN) = stopped, Vcc = 2.5 V, Ta = 25 °C)
●Operating temperature range .................................. – 20 to 85 °C
APPLICATIONS
Camera, audio equipment, household appliances, consumer elec-
tronics, etc.
3823 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
REJ03B0146-0202
Rev.2.02
Jun.19.2007
Rev.2.02
Jun 19, 2007
page 1 of 73
REJ03B0146-0202


Similar Part No. - M38235G3-XXXHP

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3820 HEYCO-M3820 Datasheet
230Kb / 1P
   Tite Snap-In-2® Liquid Tight Cordgrips
logo
Mitsubishi Electric Sem...
M38203 MITSUBISHI-M38203 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38203E4 MITSUBISHI-M38203E4 Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38203E4-XXXFP MITSUBISHI-M38203E4-XXXFP Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38203E4FP MITSUBISHI-M38203E4FP Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38235G3-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com