Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38233G3-XXXHP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M38233G3-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38233G3-XXXHP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M38233G3-XXXHP Datasheet HTML 1Page - Renesas Technology Corp M38233G3-XXXHP Datasheet HTML 2Page - Renesas Technology Corp M38233G3-XXXHP Datasheet HTML 3Page - Renesas Technology Corp M38233G3-XXXHP Datasheet HTML 4Page - Renesas Technology Corp M38233G3-XXXHP Datasheet HTML 5Page - Renesas Technology Corp M38233G3-XXXHP Datasheet HTML 6Page - Renesas Technology Corp M38233G3-XXXHP Datasheet HTML 7Page - Renesas Technology Corp M38233G3-XXXHP Datasheet HTML 8Page - Renesas Technology Corp M38233G3-XXXHP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
Rev.2.02
Jun 19, 2007
page 3 of 73
REJ03B0146-0202
3823 Group
Table 1 Performance overview
Parameter
71
0.4 µs (Minimum instruction, f(XIN) 10 MHz, High-speed mode)
10 MHz (Maximum)
16 K to 60 K bytes
640 to 2560 bytes
4-bit ✕ 1, 1-bit ✕ 1
(4 pins sharing SEG)
8-bit ✕ 5, 7-bit ✕ 1, 2 bit ✕ 1
(16 pins sharing SEG)
17 sources, 16 vectors (includes key input interrupt)
8-bit ✕ 3, 16-bit ✕ 2
8-bit ✕ 1 (UART or Clock-synchronized)
10-bit ✕ 8 channels or 8 bit ✕ 8 channels
8-bit ✕ 1
32 bytes ✕ 2 blocks
1/2, 1/3
2, 3, 4
4
32
Built-in feedback resistor
(connect to external ceramic rasonator or quartz-crystal oscillator)
Built-in feedback resistor
(connect to external quartz-crystal oscillator or on-chip oscillator)
4.5 to 5.5V
4.0 to 5.5V
2.5 to 5.5V
2.0 to 5.5V
1.8 to 5.5V
2.5 to 5.5V
2.0 to 5.5V
1.8 to 5.5V
1.8 to 5.5V
Std. 18 mW (Vcc = 5V, f(XIN) = 8MHz, Ta = 25 °C)
Std. 18 µW (Vcc = 2.5V, f(XIN) = stopped, f(XCIN) = 32kHz, Ta = 25 °C)
Std. 35 µW (Vcc = 2.5V, f(XIN) = stopped, f(XCIN) = stopped, Ta = 25 °C)
VCC
10mA
-20 to 85 °C
CMOS sillicon gate
80-pin plastic molded LQFP/QFP
Number of basic instructions
Instruction execution time
Oscillation frequency
Memory sizes
ROM
RAM
Input port
P34-P37, P40
I/O port
P0-P2, P41-P47, P5, P6, P70, P71
Interrupt
Timer
Serial interface
A/D converter
Watchdog timer
ROM correction function
LCD drive control
Bias
circuit
Duty
Common output
Segment output
Main clock generating circuits
Sub-clock generating circuits
Power source voltage
In frequency/2 mode (f(XIN)
10MHz)
In frequency/2 mode (f(XIN)
8MHz)
In frequency/4 mode (f(XIN)
10MHz)
In frequency/4 mode (f(XIN)
8MHz)
In frequency/4 mode (f(XIN)
5MHz)
In frequency/8 mode (f(XIN)
10MHz)
In frequency/8 mode (f(XIN)
8MHz)
In frequency/8 mode (f(XIN)
5MHz)
In low-speed mode
Power dissipation
In frequency/2 mode
In low-speed mode at XCIN
In low-speed mode at on-chip oscillator
Input/Output
Input/Output withstand voltage
characteristics
Output current
Operating temperature range
Device structure
Package
Function


Similar Part No. - M38233G3-XXXHP

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3820 HEYCO-M3820 Datasheet
230Kb / 1P
   Tite Snap-In-2® Liquid Tight Cordgrips
logo
Mitsubishi Electric Sem...
M38203 MITSUBISHI-M38203 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38203E4 MITSUBISHI-M38203E4 Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38203E4-XXXFP MITSUBISHI-M38203E4-XXXFP Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38203E4FP MITSUBISHI-M38203E4FP Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38233G3-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com