Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML64116R Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # ML64116R
Description  FOR OPTICAL INFORMATION SYSTEMS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML64116R Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  ML64116R Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML64116R Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
( 1 / 2 )
ML6XX16 SERIES
TYPE
NAME
ML60116R , ML64116R
MITSUBISHI LASER DIODES
FOR OPTICAL INFORMATION SYSTEMS
DESCRIPTION
ML6XX16 is a high power AlGaAs semiconductor laser which
provides a stable, single transverse mode oscillation with
emission wavelength of 785nm and standard light output of
30mW.
ML6XX16 is produced by the MOCVD crystal growth method
which is excellent in mass production and characteristics
uniformity. This is a high -performance, highly reliable, and
long life semiconductor laser.
FEATURES
ABSOLUTE MAXIMUM RATINGS (Note 1)
ELECTRICAL/OPTICAL CHARACTERISTICS (Case temperature Tc=25
°C)
Optical disc drive ( rewritable , write once)
APPLICATION
Note 3: Applicable to ML64116R
MITSUBISHI
ELECTRIC
Symbol
Parameter
Conditions
Ratings
Unit
Po
Light output power
CW
40
mW
Pulse(Note 2)
50
VRL
Reverse voltage (laser diode)
-
2
V
VRD
Reverse voltage (Photodiode)
-
30
V
IFD
Forward current (Photodiode)
-
10
mA
Tc
Case temperature
-
-40
~ +60
Tstg
Storage temperature
-
-55
~ +100
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
Ith
Threshold current
CW
-
30
50
mA
Iop
Operation current
CW,Po=30mW
-
80
110
mA
η
Slope efficiency
0.40
0.55
0.75
mW/mA
Vop
Operating voltage
2.0
2.5
V
λp
Peak wavelength
770
785
800
nm
Beam divergence angle
(parallel)
810
13
°
Beam divergence angle
(perpendicular)
25
28
°
Im
Monitoring output current
(Photodiode)
CW,Po=30mW,VRD=1V
RL=10
Ω (Note 4)
-
0.2
-
mA
ID
Dark current (Photodiode)
VRD=10V
--
0.5
uA
Ct
Capacitance (Photodiode)
VRD=5V
-7
-
pF
CW,Po=30mW
CW,Po=30mW
CW,Po=30mW
CW,Po=30mW
CW,Po=30mW
as of December '99
Note 4: RL=the load resistance of photodiode
Im(Note 3)
• Output 30mW (CW) 40mW (pulse)
• Short astigmatic distance
• MQW * active layer
* : Multiple Quantum Well
22
Note1: The maximum rating means the limitation over which the laser should not be operated even instant time,
and this does not mean the guarantee of its lifetime.As for the reliability,please refer to the reliability report from Mitsubishi
Semiconductor Quality Assurance Department.
Note2: TARGET SPEC /Condition Duty less than 50%,pulse width less than 1ms
°C
°C
0.5
--
Built-in monitor photodiode
θ//
θ⊥


Similar Part No. - ML64116R

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6411 MICRO-LINEAR-ML6411 Datasheet
244Kb / 24P
   Programmable Video Digitizer with Selectable Gain and Clamps
logo
Mitsubishi Electric Sem...
ML64114R MITSUBISHI-ML64114R Datasheet
120Kb / 3P
   AIGaAs LASER DIODES?
ML6411A MITSUBISHI-ML6411A Datasheet
273Kb / 8P
   AIGaAs Laser Diodes emitting light beams around 780nm wavelength
ML6411C MITSUBISHI-ML6411C Datasheet
273Kb / 8P
   AIGaAs Laser Diodes emitting light beams around 780nm wavelength
More results

Similar Description - ML64116R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML6XX27 MITSUBISHI-ML6XX27 Datasheet
774Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML6XX25 MITSUBISHI-ML6XX25 Datasheet
87Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX24 MITSUBISHI-ML6XX24 Datasheet
209Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML1XX8 MITSUBISHI-ML1XX8 Datasheet
47Kb / 3P
   FOR OPTICAL INFORMATION SYSTEMS
ML4XX26 MITSUBISHI-ML4XX26 Datasheet
51Kb / 4P
   FOR OPTICAL INFORMATION SYSTEMS
ML1XX2 MITSUBISHI-ML1XX2 Datasheet
50Kb / 5P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX28 MITSUBISHI-ML6XX28 Datasheet
21Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML1XX6 MITSUBISHI-ML1XX6 Datasheet
38Kb / 4P
   FOR OPTICAL INFORMATION SYSTEMS
ML1XX22 MITSUBISHI-ML1XX22 Datasheet
89Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML101J27 MITSUBISHI-ML101J27 Datasheet
26Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com