Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12864-12-FC-F-ET-ELP Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 12864-12-FC-F-ET-ELP
Description  128 x 64 Dot STN Graphic LCD Assembly With T-6963C Graphics Controller LED / EL Panel Backlight
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

12864-12-FC-F-ET-ELP Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 12864-12-FC-F-ET-ELP Datasheet HTML 7Page - List of Unclassifed Manufacturers 12864-12-FC-F-ET-ELP Datasheet HTML 8Page - List of Unclassifed Manufacturers 12864-12-FC-F-ET-ELP Datasheet HTML 9Page - List of Unclassifed Manufacturers 12864-12-FC-F-ET-ELP Datasheet HTML 10Page - List of Unclassifed Manufacturers 12864-12-FC-F-ET-ELP Datasheet HTML 11Page - List of Unclassifed Manufacturers 12864-12-FC-F-ET-ELP Datasheet HTML 12Page - List of Unclassifed Manufacturers 12864-12-FC-F-ET-ELP Datasheet HTML 13Page - List of Unclassifed Manufacturers 12864-12-FC-F-ET-ELP Datasheet HTML 14Page - List of Unclassifed Manufacturers 12864-12-FC-F-ET-ELP Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 12864-12
PACIFIC DISPLAY DEVICES
07.21.2006
11
2.4 LED Backlight Characteristics
■ Yellow-Green LED Operating Characteristics (Edge Lit)
Standard
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Forward voltage
Vf
---
3.9
4.1
4.4
VDC
Forward Current
IF
---
---
100
160
mA
Reverse Voltage
VR
---
---
---
8
V
Peak Emission
Wavelength
λP
If=100mA
Yel/Grn
---
570
---
nm
■ Life (Array or Edge Lit)
Standard
Item
Conditions
Min.
Max.
Unit
Life
Ta= 25 °C
100,000
---
hrs
2.5 EL Panel Backlight Characteristics (Blue-Green)
■ Blue-Green EL Panel Operating Characteristics:
Standard
Item
Conditions
Min.
Typ.
Max.
Unit
Current Consumption
100VAC RMS, 400Hz
Ta: 25°C
---
3.6
5.0
mA
EL Drive Voltage
---
---
100
150
VAC RMS
EL Drive Frequency
---
---
400
1000
Hz
Operating Temperature
---
-35°C
---
+50°C
°C
Storage Temperature
---
-40°C
---
+60°C
°C
Luminance
48
60
---
cd/m2
Luminance Half-Life
100VAC RMS, 400Hz
Ta: 25°C
3500
---
---
Hrs
*Note: half life is defined as Luminance being reduced by 50%


Similar Part No. - 12864-12-FC-F-ET-ELP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12864 ETC2-12864 Datasheet
290Kb / 7P
   LCD MODULE BRIEF INTRODUCTION USERS GUIDE
logo
Heyco.
12864 HEYCO-12864 Datasheet
91Kb / 1P
   Stainless Steel Cable Ties
12864 HEYCO-12864 Datasheet
88Kb / 1P
   Stainless Steel Cable Ties
12864 HEYCO-12864 Datasheet
89Kb / 1P
   Stainless Steel Cable Ties
logo
List of Unclassifed Man...
12864A ETC-12864A Datasheet
97Kb / 1P
   128 X 64 DOTS
More results

Similar Description - 12864-12-FC-F-ET-ELP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
240128-06 ETC2-240128-06 Datasheet
496Kb / 32P
   240 x 128 Dot Graphic LCD Assembly With T6963C Toshiba Graphic LCD Controller EL Panel & LED Backlight Assembly
19264-05 ETC-19264-05 Datasheet
517Kb / 18P
   192 x 64 Dot Graphic LCD Assembly With KS0107 / KS108 Graphics Controller LED Backlight
06.27.2003
16080-00 ETC2-16080-00 Datasheet
550Kb / 21P
   160 x 80 Dot Graphic LCD Assembly With LC7981 Sanyo Graphic LCD Controller EL Panel / LED Backlight Options
DG-12864 ETC-DG-12864 Datasheet
121Kb / 1P
   128 X 64 DOTS 1/64 DUTY STN REFLECTIVE / EL/ LED BACKLIGHT
logo
Powertip Technology
PG12864LRS-JNN-B POWERTIP-PG12864LRS-JNN-B Datasheet
189Kb / 14P
   LCD Module(128 dots X 64 dots, STN LCD, LED Backlight)
logo
Hantronix,Inc
HDG12864L-4 HANTRONIX-HDG12864L-4_15 Datasheet
48Kb / 1P
   128 X 64 Dots Graphic with LED Backlight
HDG12864L-7-X11S HANTRONIX-HDG12864L-7-X11S Datasheet
51Kb / 2P
   128 X 64 Dots Graphic with LED Backlight
HDG12864L-7 HANTRONIX-HDG12864L-7_15 Datasheet
46Kb / 1P
   128 X 64 Dots Graphic with LED Backlight
HDG12864L-6 HANTRONIX-HDG12864L-6_15 Datasheet
129Kb / 1P
   128 X 64 Dots Graphic, LED Backlight
logo
Vishay Siliconix
LCD-128H064E VISHAY-LCD-128H064E_V02 Datasheet
71Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com