Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC30WPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRG4BC30WPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30WPBF Datasheet(HTML) 4 Page - International Rectifier

  IRG4BC30WPBF Datasheet HTML 1Page - International Rectifier IRG4BC30WPBF Datasheet HTML 2Page - International Rectifier IRG4BC30WPBF Datasheet HTML 3Page - International Rectifier IRG4BC30WPBF Datasheet HTML 4Page - International Rectifier IRG4BC30WPBF Datasheet HTML 5Page - International Rectifier IRG4BC30WPBF Datasheet HTML 6Page - International Rectifier IRG4BC30WPBF Datasheet HTML 7Page - International Rectifier IRG4BC30WPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRG4BC30WPbF
4
www.irf.com
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1

Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C

P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50

SINGLE PULSE
(THERMAL RESPONSE)
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig. 5 - Collector-to-Emitter Voltage vs.
JunctionTemperature
Fig. 4 - Maximum Collector Current vs. Case
Temperature
0
5
10
15
20
25
25
50
75
100
125
150
T , C a se Te m perature (°C )
C
V
= 1 5 V
GE
A
-60 -40 -20
0
20 40 60 80 100 120 140 160
1.5
2.0
2.5
3.0
T , Junction Temperature ( C)
J
°

V
= 15V
80 us PULSE WIDTH
GE

I =
A
24
C

I =
A
12
C

I =
A
6
C


Similar Part No. - IRG4BC30WPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30WPBF IRF-IRG4BC30WPBF Datasheet
287Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC30WPBF IRF-IRG4BC30WPBF_15 Datasheet
287Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4BC30WPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30W IRF-IRG4BC30W Datasheet
139Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
IRG4PC30W IRF-IRG4PC30W Datasheet
123Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
IRG4BC30U IRF-IRG4BC30U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRGBC30U IRF-IRGBC30U Datasheet
244Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=12A)
IRG4PC30U IRF-IRG4PC30U Datasheet
145Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4BC30WS IRF-IRG4BC30WS Datasheet
188Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.10V, @Vge=15V, Ic=12A)
IRG4RC20F IRF-IRG4RC20F Datasheet
264Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.82V, @Vge=15V, Ic=12A)
IRGPC30U IRF-IRGPC30U Datasheet
248Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=12A)
IRG4PC50W IRF-IRG4PC50W Datasheet
157Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.30V, @Vge=15V, Ic=27A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com