Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38D52G7-XXXFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M38D52G7-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38D52G7-XXXFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M38D52G7-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38D52G7-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38D52G7-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38D52G7-XXXFP Datasheet HTML 9Page - Renesas Technology Corp M38D52G7-XXXFP Datasheet HTML 10Page - Renesas Technology Corp M38D52G7-XXXFP Datasheet HTML 11Page - Renesas Technology Corp M38D52G7-XXXFP Datasheet HTML 12Page - Renesas Technology Corp M38D52G7-XXXFP Datasheet HTML 13Page - Renesas Technology Corp M38D52G7-XXXFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 141 page
background image
Rev.3.01
Aug 08, 2007
Page 10 of 134
REJ03B0158-0301
38D5 Group
GROUP EXPANSION
Renesas plans to expand the 38D5 Group as follows.
Memory Size
<QzROM version>
• ROM size ................................................... 32 K to 60 K bytes
• RAM size .................................................. 1536 to 2048 bytes
<Flash memory version>
• ROM size ................................................................ 60 K bytes
• RAM size ............................................................... 2048 bytes
Packages
• PRQP0080GB-A ................. 0.8 mm-pitch plastic molded QFP
• PLQP0080KB-A ...............0.5 mm-pitch plastic molded LQFP
Fig. 5 Memory expansion plan
Currently supported products are listed below.
32K
28K
24K
20K
16K
12K
8K
4K
256
384
512
640
768
896
1,024
192
40K
48K
1,536
2,048
56K
60K
ROM size
(bytes)
RAM size (bytes)
M38D58G8
M38D59GF/FF
M38D59GC
Memory Expansion Plan
Table 5
As of February. 2007
Part No.
ROM size (bytes)
ROM size for User in ( )
RAM size
(bytes)
Package
Remarks
M38D58G8-XXXFP
32768 (32638)
1536
PRQP0080GB-A
QzROM version
M38D58G8-XXXHP
PLQP0080KB-A
M38D58G8FP
32768 (32638)
1536
PRQP0080GB-A
QzROM version (blank)
M38D58G8HP
PLQP0080KB-A
M38D59GC-XXXFP
49152 (49022)
2048
PRQP0080GB-A
QzROM version
M38D59GC-XXXHP
PLQP0080KB-A
M38D59GCFP
49152 (49022)
2048
PRQP0080GB-A
QzROM version (blank)
M38D59GCHP
PLQP0080KB-A
M38D59GF-XXXFP
61440 (61310)
2048
PRQP0080GB-A
QzROM version
M38D59GF-XXXHP
PLQP0080KB-A
M38D59GFFP
61440 (61310)
2048
PRQP0080GB-A
QzROM version (blank)
M38D59GFHP
PLQP0080KB-A
M38D59FFFP
61440 (61310)
2048
PRQP0080GB-A
Flash memory version
M38D59FFHP
PLQP0080KB-A
Support products


Similar Part No. - M38D52G7-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38D52G7XXXFP RENESAS-M38D52G7XXXFP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D52G7XXXHP RENESAS-M38D52G7XXXHP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38D52G7-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com