Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1013DIDG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LT1013DIDG4
Description  DUAL PRECISION OPERATIONAL AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1013DIDG4 Datasheet(HTML) 4 Page - Texas Instruments

  LT1013DIDG4 Datasheet HTML 1Page - Texas Instruments LT1013DIDG4 Datasheet HTML 2Page - Texas Instruments LT1013DIDG4 Datasheet HTML 3Page - Texas Instruments LT1013DIDG4 Datasheet HTML 4Page - Texas Instruments LT1013DIDG4 Datasheet HTML 5Page - Texas Instruments LT1013DIDG4 Datasheet HTML 6Page - Texas Instruments LT1013DIDG4 Datasheet HTML 7Page - Texas Instruments LT1013DIDG4 Datasheet HTML 8Page - Texas Instruments LT1013DIDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LT1013, LT1013A, LT1013D
DUAL PRECISION OPERATIONAL AMPLIFIERS
SLOS018H − MAY 1988 − REVISED NOVEMBER 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage (see Note 1): VCC+
22 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC−
−22 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (any input, see Note 1)
VCC− − 5 V to VCC+
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage (see Note 2)
±30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of short-circuit current at (or below) 25
°C (see Note 3)
Unlimited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 4 and 5): D package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
P package
85
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 60 seconds: FK package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: JG package
300
°C
. . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC−.
2. Differential voltages are at IN+ with respect to IN−.
3. The output may be shorted to either supply.
4. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. Due to
variation in individual device electrical characteristics and thermal resistance, the built-in thermal overload protection may be
activated at power levels slightly above or below the rated dissipation.
5. The package thermal impedance is calculated in accordance with JESD 51-7.


Similar Part No. - LT1013DIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1013DIDG4 TI1-LT1013DIDG4 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Precision Operational Amplifier
More results

Similar Description - LT1013DIDG4

ManufacturerPart #DatasheetDescription
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
logo
STMicroelectronics
TEB1033 STMICROELECTRONICS-TEB1033_05 Datasheet
102Kb / 7P
   PRECISION DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLC272 TI1-TLC272_16 Datasheet
1Mb / 53P
[Old version datasheet]   PRECISION DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TEB1033 STMICROELECTRONICS-TEB1033 Datasheet
68Kb / 7P
   PRECISION DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LT1013A TI-LT1013A Datasheet
546Kb / 30P
[Old version datasheet]   DUAL PRECISION OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M7IDRG4 TI-TLC27M7IDRG4 Datasheet
1Mb / 50P
[Old version datasheet]   LINCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com