Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6204C60AM Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6204C60AM
Description  High Speed LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204C60AM Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6204C60AM Datasheet HTML 1Page - Torex Semiconductor XC6204C60AM Datasheet HTML 2Page - Torex Semiconductor XC6204C60AM Datasheet HTML 3Page - Torex Semiconductor XC6204C60AM Datasheet HTML 4Page - Torex Semiconductor XC6204C60AM Datasheet HTML 5Page - Torex Semiconductor XC6204C60AM Datasheet HTML 6Page - Torex Semiconductor XC6204C60AM Datasheet HTML 7Page - Torex Semiconductor XC6204C60AM Datasheet HTML 8Page - Torex Semiconductor XC6204C60AM Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
" Typical Application
" Block Diagram
" Absolute Maximum Ratings
UNITS
V
mA
V
V
SOT-23-5
USP-6B
OC
OC
" Electrical Characteristics (XC6204Bxx2)
Ta=25
OC
MIN
TYP
MAX
UNITS CIRCUIT
× 0.98
VOUT(T)
× 1.02
V1
150
mA
1
15
50
mV
1
mV
mV
75
µA
2
0.3
µA
2
210
V
-
30
µVrms
3
70
dB
4
300
mA
1
50
mA
1
1.6
VIN
V
2
0.25
V
2
-0.1
0.1
µA
2
-0.1
0.1
µA
2
Note
(NOTE 1) VOUT(T)=Specified Output Voltage
(NOTE 2) VOUT(E)=Effective Output Voltage (I.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value).
(NOTE 3) Vdif={VIN1
(NOTE5)-VOUT1(NOTE4)}
(NOTE 4) VOUT1=A voltage equal to 98% of the Output Voltage whenever an amply stabilized IOUT {Vout(T)+1.0V} is input.
(NOTE 5) VIN1=The Input Voltage when VOUT1 appears as Input Voltage is gradually decreased.
(NOTE 6) VIN is defined as {VIN=VOUT(T)+0.1V} unless specified differently.
en
ICEL
VCE=VSS
SYMBOL
VIN
IOUT
VOUT
VCE
ICEH
Topr
∆VOUT
VCE=VIN
IOUT=30mA
IOUT=30mA
-40
OC
≤Topr≤85OC
300Hz~50kHz
IOUT=50mA, f=10kHz
VOUT(T)+1.0V
≤VIN≤10V
CONDITIONS
IOUT=30mA
1mA
≤IOUT≤100mA
IOUT=30mA
IOUT=100mA
VCE=VIN
VCE=VSS
∆VIN ⋅⋅⋅⋅ VOUT
VIN
∆VOUT
∆Topr ⋅⋅⋅⋅ VOUT
Current Limiter
Short-circuit Current
1
SYMBOL
VOUT (E)
IOUTMAX
∆VOUT
Vdif1
Vdif2
see table next page
Standby Current
Input Voltage
Output Noise
CE "Low" Current
Line Regulation
Output Voltage
Temp. Characteristics
CE "High" Current
Ripple Rejection Rate
CE "High" Voltage
Output Voltage
Maximum Output Current
Load Regulation
Dropout Voltage
PARAMETER
Pd
-55~+125
CE "Low" Voltage
ISS
Istby
Supply Current
PSRR
VCEH
VCEL
Tstg
VSS-0.3~VIN+0.3
150
Power Dissipation
CE Input Voltage
Operating Ambient Temperature
VSS-0.3~VIN+0.3
-40~+85
Storage Temperature
mW
100
PARAMETER
Input Voltage
Output Current
Output Voltage
RATINGS
12
500
XC6204 Series
High Speed LDO Regulators
100
ppm /
OC
1
0.01
0.20
% / V
1
Ilim
Ishort
VIN
CE
VSS
VOUT
VSS
VOUT
VIN
Current
Limiter
ON/OFF
Control
Voltage
Reference
each circuit
CE
R2
R1
2


Similar Part No. - XC6204C60AM

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204C60AML TOREX-XC6204C60AML Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6204C60AML TOREX-XC6204C60AML Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204C60AMR TOREX-XC6204C60AMR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6204C60AMR TOREX-XC6204C60AMR Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
More results

Similar Description - XC6204C60AM

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com