Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M51954A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M51954A
Description  Voltage Detecting, System Resetting IC Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51954A Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M51954A Datasheet HTML 3Page - Renesas Technology Corp M51954A Datasheet HTML 4Page - Renesas Technology Corp M51954A Datasheet HTML 5Page - Renesas Technology Corp M51954A Datasheet HTML 6Page - Renesas Technology Corp M51954A Datasheet HTML 7Page - Renesas Technology Corp M51954A Datasheet HTML 8Page - Renesas Technology Corp M51954A Datasheet HTML 9Page - Renesas Technology Corp M51954A Datasheet HTML 10Page - Renesas Technology Corp M51954A Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
M51953A,B/M51954A,B
REJ03D0776-0200 Rev.2.00 Aug 20, 2007
Page 7 of 10
Notice for use
About the Power Supply Line
1. About bypass capacitor
Because the ripple and the spike of the high frequency noise and the low frequency are superimposed to the power
supply line, it is necessary to remove these.
Therefore, please install C1 and C2 for the low frequency and for the high frequency between the power supply line
and the GND line as shown in following figure 3.
Power-supply
Output
VCC
M51953
M51954
GND
C2
C1
+
Delay capacitor
Cd
Example of ripple
noise measures
Figure 3 Example of Ripple Noise Measures
Setting of Delay Capacity
Please use capacitor Cd for the delay within the range of 10
µF or less.
When a value that is bigger than this is set, the problem such as following (1), (2), and (3) becomes remarkable.
t
VCC
Output
tpd
tPHL
Figure 4 Time Chart at Momentary Voltage-Decrease
(1) The difference at delay time becomes remarkable.
A long delay setting of tens of seconds is fundamentally possible. However, when set delay time is lengthened, the
range of the difference relatively grows, too. When a set value is assumed to be ‘tpd’, the difference occurs in the
range from 0.47
× tpd to 2.05 × tpd. For instance, 34 seconds can be calculated at 100 µF. However, it is likely to
vary within the ranges of 16-70 seconds.
(2) Difficulty to react to a momentary voltage decrease.
For example, the reaction time tPHL is 10 µs when delay capacitor Cd = 0.1 µF.
The momentary voltage-decrease that is longer than such tPHL are occurs, the detection becomes possible. When the
delay capacitance is enlarged, tPHL also becomes long. For instance, it becomes about 100 to 200 µs in case of
circuit constant C1 = 100
µF.
(Characteristic graph 1 is used and extrapolation in case of Cd = 100
µF.)
Therefore, it doesn't react to momentary voltage-decrease that is shorter than this.
(3) Original delay time is not obtained.
When the momentary voltage-decrease time ‘t’ is equivalent to tPHL, the discharge becomes insufficient and the
charge starts at that state. This phenomenon occurs at large capacitance. And, original delay time tpd is not
obtained.
Please refer to characteristic graph 2. (Delay time versus input pulse width)


Similar Part No. - M51954A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51954A MITSUBISHI-M51954A Datasheet
169Kb / 5P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES?
M51954A MITSUBISHI-M51954A Datasheet
182Kb / 6P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES?
More results

Similar Description - M51954A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
   VOLTAGE DETECTING, SYSTEM RESETTING IC
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
   VOLTAGE DETECTING,SYSTEM RESETTING IC
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
   VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
   Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
   Voltage Detecting, System Resetting IC Series
RNA51958A RENESAS-RNA51958A_15 Datasheet
152Kb / 14P
   Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
   Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
   Voltage Detecting, System Resetting IC Series
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
   Voltage Detecting, System Resetting IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com