Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM4132 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GM4132
Description  NPN EPITAXIAL PLANAR TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GM4132 Datasheet(HTML) 1 Page - GTM CORPORATION

  GM4132 Datasheet HTML 1Page - GTM CORPORATION GM4132 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
GM4132
Page: 1/2
ISSUED DATE :2006/02/06
REVISED DATE :
GM 4132
N P N E P I T A X I A L P L A N A R T R A N S I S T O R
Description
The GM4132 is designed for power amplifier applications.
Features
&High breakdown voltage (BVCEO=120V)
&Low collector output capacitance (Typ. 20pF at VCB=10V)
&High transition frequency (fT=80MHz)
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5°TYP.
M
0.70 REF.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
:
Storage Temperature
Tstg
-55~+150
:
Collector to Base Voltage
VCBO
120
V
Collector to Emitter Voltage
VCEO
120
V
Emitter to Base Voltage
VEBO
5
V
Collector Current (DC)
IC
2
A
Collector Current (Pulse 10ms)
IC
3
A
Total Power Dissipation
PD
1.2
W
Electrical Characteristics (Ta = 25 : , unless otherwise stated)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
120
-
-
V
IC=50uA , IE=0
BVCEO
120
-
-
V
IC=1mA, IB=0
BVEBO
5
-
-
V
IE=50uA ,IC=0
ICBO
-
-
1
uA
VCB=100V, IE=0
IEBO
-
-
1
uA
VEB=4V, IC=0
*VCE(sat)
-
-
400
mV
IC=1A, IB=100mA
*hFE
82
-
390
VCE=5V, IC=100mA
fT
-
80
-
MHz
VCE=5V, IE=-100mA, f=30MHz
Cob
-
20
-
pF
VCB=10V, IE=0, f=1MHz
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%
Classification Of hFE
Rank
P
Q
R
Range
82 ~ 180
120 ~ 270
180 ~ 390
SOT-89


Similar Part No. - GM4132

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GM4132 ETL-GM4132 Datasheet
292Kb / 2P
   N P N E P I TA X I A L P L A N A R T R A N S I S T O R
More results

Similar Description - GM4132

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com