Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1Q3A3609ABG-60R Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R1Q3A3609ABG-60R
Description  36-Mbit QDR™II SRAM 4-word Burst
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1Q3A3609ABG-60R Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R1Q3A3609ABG-60R Datasheet HTML 7Page - Renesas Technology Corp R1Q3A3609ABG-60R Datasheet HTML 8Page - Renesas Technology Corp R1Q3A3609ABG-60R Datasheet HTML 9Page - Renesas Technology Corp R1Q3A3609ABG-60R Datasheet HTML 10Page - Renesas Technology Corp R1Q3A3609ABG-60R Datasheet HTML 11Page - Renesas Technology Corp R1Q3A3609ABG-60R Datasheet HTML 12Page - Renesas Technology Corp R1Q3A3609ABG-60R Datasheet HTML 13Page - Renesas Technology Corp R1Q3A3609ABG-60R Datasheet HTML 14Page - Renesas Technology Corp R1Q3A3609ABG-60R Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
R1Q3A3636/R1Q3A3618/R1Q3A3609
Recommended DC Operating Conditions
(Ta = 0 to +70°C)
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Power supply voltage --core
VDD
1.7
1.8
1.9
V
Power supply voltage --I/O
VDDQ
1.4
1.5
VDD
V
Input reference voltage --I/O
VREF
0.68
0.75
0.95
V
1
Input high voltage
VIH (DC)
VREF
+ 0.1
VDDQ
+ 0.3
V
2, 3
Input low voltage
VIL (DC)
−0.3
VREF
− 0.1
V
2, 3
Notes: 1. Peak to peak AC component superimposed on VREF may not exceed 5% of VREF.
2. Overshoot: VIH (AC)
≤ VDDQ + 0.5 V for t ≤ tKHKH/2
Undershoot: VIL (AC)
≥ −0.5 V for t ≤ tKHKH/2
Power-up: VIH
≤ VDDQ + 0.3 V and VDD ≤ 1.7 V and VDDQ ≤ 1.4 V for t ≤ 200 ms
During normal operation, VDDQ must not exceed VDD.
Control input signals may not have pulse widths less than tKHKL (min) or operate at cycle rates less than tKHKH
(min).
During normal operation, VIH(DC) must not exceed VDDQ and VIL(DC) must not be lower than VSS.
3. These are DC test criteria. The AC VIH / VIL levels are defined separately to measure timing parameters.
DC Characteristics
(Ta = 0 to +70
°C, VDD = 1.8V ± 0.1V)
−30
−33
−40
−50
−60
Parameter
Symbol
Max
Max
Max
Max
Max
Unit
Notes
(×9)
IDD
700
650
600
550
500
mA
1, 2, 3
(×18)
IDD
750
700
650
600
550
mA
1, 2, 3
Operating
supply current
(READ /
WRITE)
(×36)
IDD
800
750
700
650
600
mA
1, 2, 3
Standby supply
current (NOP)
(×9 /
×18 /
×36)
ISB1
400
380
350
340
330
mA
2, 4, 5
Parameter
Symbol
Min
Max
Unit
Test conditions
Notes
Input leakage current
ILI
−2
2
µA
10
Output leakage current
ILO
−5
5
µA
11
Output high voltage
VOH (Low)
VDDQ
−0.2
VDDQ
V
|IOH|
≤ 0.1 mA
8, 9
VOH
VDDQ/2
−0.08
VDDQ/2 +0.08
V
Note 6
8, 9
Output low voltage
VOL (Low)
VSS
0.2
V
IOL
≤ 0.1 mA
8, 9
VOL
VDDQ/2
−0.08
VDDQ/2 +0.08
V
Note 7
8, 9
Notes: 1. All inputs (except ZQ, VREF) are held at either VIH or VIL.
2. IOUT = 0 mA. VDD = VDD max, tKHKH = tKHKH min.
3. Operating supply currents are measured at 100% bus utilization.
4. All address / data inputs are static at either VIN > VIH or VIN < VIL.
5. NOP currents are valid when entering NOP after all pending READ and WRITE cycles are completed.
6. Outputs are impedance-controlled. |IOH| = (VDDQ/2)/(RQ/5) for values of 175
Ω ≤ RQ ≤ 350 Ω.
7. Outputs are impedance-controlled. IOL = (VDDQ/2)/(RQ/5) for values of 175
Ω ≤ RQ ≤ 350 Ω.
8. AC load current is higher than the shown DC values. AC I/O curves are available upon request.
9. HSTL outputs meet JEDEC HSTL Class I standards.
10. 0
≤ VIN ≤ VDDQ for all input balls (except VREF, ZQ, TCK, TMS, TDI ball).
11. 0
≤ VOUT ≤ VDDQ (except TDO ball), output disabled.
REJ03C0295-0003 Rev.0.03 Jul. 31, 2007
Page 11 of 24


Similar Part No. - R1Q3A3609ABG-60R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q3A3609ABG40RB0 RENESAS-R1Q3A3609ABG40RB0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q3A3609ABG40RS0 RENESAS-R1Q3A3609ABG40RS0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q3A3609ABG40RT0 RENESAS-R1Q3A3609ABG40RT0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q3A3609ABG50RB0 RENESAS-R1Q3A3609ABG50RB0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q3A3609ABG50RS0 RENESAS-R1Q3A3609ABG50RS0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
More results

Similar Description - R1Q3A3609ABG-60R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q2A3636 RENESAS-R1Q2A3636 Datasheet
1Mb / 25P
   36-Mbit QDR™II SRAM 2-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA_15 Datasheet
860Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB Datasheet
307Kb / 38P
   36-Mbit QDR II SRAM 4-word Burst
logo
Cypress Semiconductor
CY7C1411BV18 CYPRESS-CY7C1411BV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18_09 Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18_0709 CYPRESS-CY7C1411BV18_0709 Datasheet
705Kb / 30P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411JV18 CYPRESS-CY7C1411JV18_09 Datasheet
698Kb / 28P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
logo
Renesas Technology Corp
RMQS3A3636DGBA RENESAS-RMQS3A3636DGBA Datasheet
860Kb / 30P
   36-Mbit QDR™ II SRAM 4-word Burst
Jan. 13, 2015
logo
Cypress Semiconductor
CY7C1411BV18 CYPRESS-CY7C1411BV18_09 Datasheet
732Kb / 30P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com