Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9810T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9810T
Description  Multistandard VIF-PLL with QSS-IF and AM demodulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9810T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9810T Datasheet HTML 5Page - NXP Semiconductors TDA9810T Datasheet HTML 6Page - NXP Semiconductors TDA9810T Datasheet HTML 7Page - NXP Semiconductors TDA9810T Datasheet HTML 8Page - NXP Semiconductors TDA9810T Datasheet HTML 9Page - NXP Semiconductors TDA9810T Datasheet HTML 10Page - NXP Semiconductors TDA9810T Datasheet HTML 11Page - NXP Semiconductors TDA9810T Datasheet HTML 12Page - NXP Semiconductors TDA9810T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
1999 May 07
9
Philips Semiconductors
Product specification
Multistandard VIF-PLL with QSS-IF and
AM demodulator
TDA9810
CHARACTERISTICS
VP =5V; Tamb =25 °C; see Table 1 for input frequencies and level; input level Vi(IF)(rms) = 10 mV (sync-level for B/G,
peak white level for L); IF input from 50
Ω via broadband transformer 1 : 1; video modulation DSB; residual carrier
B/G: 10%; L = 3%; video signal in accordance with
“CCIR, line 17”; measurements taken in Fig.14; unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pin 22)
VP
supply voltage
note 1
4.5
5
5.5
V
IP
supply current
77
90
103
mA
Vision IF amplifier (pins 1 and 2)
Vi(VIF)(rms)
input signal voltage
sensitivity (RMS value)
B/G standard;
−1 dB video
at output
60
100
µV
Vi(max)(rms)
maximum input signal
voltage (RMS value)
B/G standard; +1 dB video
at output
120
200
mV
∆V
o(int)
internal IF amplitude
difference between picture
and sound carrier
within AGC range;
B/G standard;
∆f = 5.5 MHz
0.7
1
dB
GIFcr
IF gain control range
see Fig.4
65
70
dB
Ri(diff)
differential input resistance
note 2
1.7
2.2
2.7
k
Ci(diff)
differential input capacitance note 2
1.2
1.7
2.5
pF
VI(1,2)
DC input voltage
note 2
3.4
V
True synchronous video demodulator; note 3
fVCO(max)
maximum oscillator
frequency for carrier
regeneration
f=2fpc
125
130
MHz
∆f
osc/∆T
oscillator drift as a function
of temperature
oscillator is free-running;
IAFC = 0; note 4
−−±20 × 10−6 K−1
VVCO(rms)
oscillator voltage swing at
pins 18 and 19 (RMS value)
70
100
130
mV
fcr(pc)
picture carrier capture
frequency range
B/G and L standard
±1.5
±2.0
MHz
L accent standard;
fpc = 33.9 MHz;
R7 = 5.6 kΩ
±1.0
±1.3
MHz
∆fpc(fr)
picture carrier frequency
(free-running) accuracy
L accent standard;
fpc = 33.9 MHz;
R7 = 5.6 kΩ
−±200
±400
kHz
falg(L accent)
L accent alignment
frequency range
IAFC =0
±400
±600
kHz
tacq
acquisition time
BL = 70 kHz; note 5
−−
30
ms
Vi(VIF)(rms)
VIF input signal voltage
sensitivity for PLL to be
locked (RMS value;
pins 1 and 2)
maximum IF gain; note 6
30
70
µV
Ioffset(FPLL)
FPLL offset current at pin 4
note 7
−−±4.5
µA


Similar Part No. - TDA9810T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9812T PHILIPS-TDA9812T Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9814 PHILIPS-TDA9814 Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
More results

Similar Description - TDA9810T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
logo
NXP Semiconductors
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com