Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSS-24MCWH-FR Datasheet(PDF) 4 Page - FCI connector

Part # RSS-24MCWH-FR
Description  Cooper-Wheelock
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

RSS-24MCWH-FR Datasheet(HTML) 4 Page - FCI connector

  RSS-24MCWH-FR Datasheet HTML 1Page - FCI connector RSS-24MCWH-FR Datasheet HTML 2Page - FCI connector RSS-24MCWH-FR Datasheet HTML 3Page - FCI connector RSS-24MCWH-FR Datasheet HTML 4Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
www.gamewell-fci.com
9020-0575 Rev. B page 4 of 4
Architects and Engineers Specifications
The visual notification appliances shall be Cooper-Wheelock Series RS strobe appliances or approved equals. The
Series RSS shall be Listed under UL Standard 1971 (Emergency Devices for the Hearing Impaired) for Indoor Fire
Protection Service. The strobe shall be listed for indoor use and shall meet the requirements of FCC Part 15 Class B.
The strobe appliances shall produce a flash rate of one (1) flash per second over the Regulated Voltage Range and
shall incorporate a Xenon flashtube enclosed in a rugged Lexan® lens.
The Series RSS shall be of low current design. Where multi-candela appliances are specified, the strobe intensity
shall have a minimum of four (4) field selectable settings and shall be rated per UL Standard 1971 at: 15, 30, 75, and
110 cd, or 135/185 cd for wall mount, or 15, 30, 75, and 95cd or 115/177 cd for ceiling mount. The selector switch for
selecting the candela shall be tamper resistant. The 15/75 candela strobe shall be specified when 15 cd UL Standard
1971 Listing with 75 cd on-axis is required (e.g. ADA compliance).
When synchronization is required, the appliance shall be compatible with Cooper-Wheelock’s SM and DSM Sync
Modules. The strobes shall not drift out of synchronization at any time during operation. If the sync module fails to
operate, (i.e. contacts remain closed), the strobe shall revert to a non-synchronized flash rate. The appliance shall
also be designed so that the audible signal may be silenced while maintaining strobe activation.
The Series RSS Strobe appliances shall incorporate a patented universal mounting plate that allows mounting on a
single-gang, double-gang, 4-inch square, 100 mm European type backbox, or the SHBB surface backbox. If required,
an NATP (Notification Appliance Trimplate) shall be provided. An attaching cover plate shall be provided to give the
appliance an attractive appearance. The appliance shall not have any mounting holes or screw heads visible when
the installation is complete.
The Series RSSP Multi-Candela or single candela Strobe Plate shall be mounted on either a standard 4-inch square
backbox for flush mounting, or the Wheelock SBL2 backbox for surface mounting. All notification appliances shall be
backward compatible.
Specifications and Ordering Information
Model
Order
Code
Wall
Mount
Ceiling
Mount
Non-
Sync
Sync w/
SM or
DSM
Strobe
Candela
24 VDC
12
VDC
# Model
Color
Red
# Model
Color
White
Square
or Round
UL MEA CSFM FM
RSS-24MCW-FR
9400
X
X
X
15/30/75/110
X
X
Square
X
X
X
X
RSS=241575W-FR
7471
X
X
X
15 (75 on Axis)
X
X
Square
X
X
X
X
RSS-121575W-FR
7476
X
X
X
15 (75 on Axis)
X
X
Square
X
X
X
X
RSS-24MCC-FW
3158
X
X
X
15/30/75/95
X
X
Square
X
*
*
*
RSS-24MCCR-FW
3159
X
X
X
15/30/75/95
X
X
Round X
*
*
*
RSS-24MCCH-FW
3461
X
X
X
115/177
X
X
Square
X
*
*
*
RSS-24MCCR-FW
3463
X
X
X
115/177
X
X
Round
x
*
*
*
RSS-24MCWH-FR
3465
X
X
X
135/185
X
X
Square
X
*
*
*
RSSP-24MCW-FR
9402
X
X
X
15/30/75/110
X
X
Square
X
X
X
X
# Models are available in either red or white.
* PENDING
BFP
X
X
X
*
*
*
*
*
X
RSSWP-2475W-FR
9013
X
X
X
75 @ -31
°F
X
X
Square
X
X
X
X
*
RSSP-121575W-FR
7798
X
X
X
15 (75 on Axis)
X
X
Square
X
X
X
X
X
RSSP-241575W-FR
7793
X
X
X
15 (75 on Axis)
x
Square
X
X
X
X
X
RSSP-24MCWH-FR
9482
X
X
X
135/185
X
X
Square
X
*
*
*
*


Similar Part No. - RSS-24MCWH-FR

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
RSS-24MCWH-FR GAMEWELL-FCI-RSS-24MCWH-FR Datasheet
152Kb / 4P
   Single & Multi-Candela
More results

Similar Description - RSS-24MCWH-FR

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
E50-R GAMEWELL-FCI-E50-R Datasheet
92Kb / 3P
   Cooper-Wheelock
MIZ-24 GAMEWELL-FCI-MIZ-24 Datasheet
81Kb / 2P
   Cooper-Wheelock
E60-R GAMEWELL-FCI-E60-R Datasheet
96Kb / 3P
   Cooper-Wheelock
AS9024 GAMEWELL-FCI-AS9024 Datasheet
240Kb / 4P
   Cooper-Wheelock AS/AH Serles
NS-24MCW-FR GAMEWELL-FCI-NS-24MCW-FR Datasheet
125Kb / 3P
   Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
E70-24MCW-FR GAMEWELL-FCI-E70-24MCW-FR Datasheet
119Kb / 4P
   Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
ET70-24MCW-FR GAMEWELL-FCI-ET70-24MCW-FR Datasheet
110Kb / 4P
   Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
ET70-R GAMEWELL-FCI-ET70-R Datasheet
240Kb / 4P
   Wheelock
logo
E-SWITCH
14-RB2S00045 E-SWITCH-14-RB2S00045 Datasheet
92Kb / 1P
   SILVER PLATED COOPER
14-RB2S00095 E-SWITCH-14-RB2S00095 Datasheet
88Kb / 1P
   SILVER PLATED COOPER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com