Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4559 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 3Page - Renesas Technology Corp 4559 Datasheet HTML 4Page - Renesas Technology Corp 4559 Datasheet HTML 5Page - Renesas Technology Corp 4559 Datasheet HTML 6Page - Renesas Technology Corp 4559 Datasheet HTML 7Page - Renesas Technology Corp 4559 Datasheet HTML 8Page - Renesas Technology Corp 4559 Datasheet HTML 9Page - Renesas Technology Corp 4559 Datasheet HTML 10Page - Renesas Technology Corp 4559 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 7 of 146
REJ03B0188-0104
4559 Group
DEFINITION OF CLOCK AND CYCLE
• Operation source clock
The operation source clock is the source clock to operate this
product. In this product, the following clocks are used.
Clock (f(XIN)) by the external ceramic resonator
Clock (f(XIN)) by the external RC oscillation
Clock (f(XIN)) by the external input
• Clock (f(RING)) of the on-chip oscillator which is the internal
oscillator
Clock (f(XCIN)) by the external quartz-crystal oscillation
• System clock (STCK)
The system clock is the basic clock for controlling this product.
The system clock is selected by the clock control register MR
shown as the table below.
• Machine cycle
The machine cycle is the standard cycle required to execute the
instruction.
• Instruction clock (INSTCK)
The instruction clock is the basic clock for controlling CPU. The
instruction clock (INSTCK) is a signal derived by dividing the
system clock (STCK) by 3. The one instruction clock cycle
generates the one machine cycle.
Note 1. The f(RING)/8 is selected after system is released from reset
Table 6
Table Selection of system clock
Register MR
System clock
Operation mode
MR3
MR2
MR1
MR0
1
1
0
0
f(STCK) = f(RING)/8
Internal frequency divided by 8 mode
1
0
0
0
f(STCK) = f(RING)/4
Internal frequency divided by 4 mode
0
1
0
0
f(STCK) = f(RING)/2
Internal frequency divided by 2 mode
0
0
0
0
f(STCK) = f(RING)
Internal frequency through mode
1
1
0
1
f(STCK) = f(XIN)/8
High-speed frequency divided by 8 mode
1
0
0
1
f(STCK) = f(XIN)/4
High-speed frequency divided by 4 mode
0
1
0
1
f(STCK) = f(XIN)/2
High-speed frequency divided by 2 mode
0
0
0
1
f(STCK) = f(XIN)
High-speed through mode
1
1
1
0
f(STCK) = f(XCIN)/8
Low-speed frequency divided by 8 mode
1
0
1
0
f(STCK) = f(XCIN)/4
Low-speed frequency divided by 4 mode
0
1
1
0
f(STCK) = f(XCIN)/2
Low-speed frequency divided by 2 mode
0
0
1
0
f(STCK) = f(XCIN)
Low-speed through mode


Similar Part No. - 4559

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
455903-43 PENTAIR-455903-43 Datasheet
597Kb / 2P
   MODIFIED MOLDED CARBON BLOCK CARTRIDGES
455904-43 PENTAIR-455904-43 Datasheet
597Kb / 2P
   MODIFIED MOLDED CARBON BLOCK CARTRIDGES
455905-43 PENTAIR-455905-43 Datasheet
597Kb / 2P
   MODIFIED MOLDED CARBON BLOCK CARTRIDGES
455906-43 PENTAIR-455906-43 Datasheet
597Kb / 2P
   MODIFIED MOLDED CARBON BLOCK CARTRIDGES
logo
MolexKits
45593-1600 MOLEXKITS-45593-1600 Datasheet
38Kb / 2P
   Craddle Commector,SMT Right Angle Receptacle, Wire and PCB Termination Plug, IP-54 Rating
More results

Similar Description - 4559

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com