Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30302GAPVGP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M30302GAPVGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302GAPVGP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M30302GAPVGP Datasheet HTML 1Page - Renesas Technology Corp M30302GAPVGP Datasheet HTML 2Page - Renesas Technology Corp M30302GAPVGP Datasheet HTML 3Page - Renesas Technology Corp M30302GAPVGP Datasheet HTML 4Page - Renesas Technology Corp M30302GAPVGP Datasheet HTML 5Page - Renesas Technology Corp M30302GAPVGP Datasheet HTML 6Page - Renesas Technology Corp M30302GAPVGP Datasheet HTML 7Page - Renesas Technology Corp M30302GAPVGP Datasheet HTML 8Page - Renesas Technology Corp M30302GAPVGP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
M16C/30P Group
1. Overview
Rev.1.22
Mar 30, 2007
Page 5 of 53
REJ03B0088-0122
Table 1.3
Product List (2)
As of March 2007
(D): Under development
(P): Under planning
NOTES:
1. Previous package codes are as follows.
PRQP0100JB-A : 100P6S-A,
PLQP0100KB-A : 100P6Q-A
2. Block A (4-Kbytes space) is available in flash memory version.
Figure 1.2
Part No., Memory Size, and Package
Part No.
ROM Capacity
RAM Capacity
package code (1)
Remarks
M30302FAPFP
96 K + 4 Kbytes
5 Kbytes
PRQP0100JB-A
Flash memory
version(2)
M30302FAPGP
PLQP0100KB-A
M30302FCPFP
128 K + 4 Kbytes
PRQP0100JB-A
M30302FCPGP
PLQP0100KB-A
M30302FEPFP
192 K + 4 Kbytes
6 Kbytes
PRQP0100JB-A
M30302FEPGP
PLQP0100KB-A
M30302SPFP
-
6 Kbytes
PRQP0100JB-A
ROM-less version
M30302SPGP
PLQP0100KB-A
Package type:
FP : Package PRQP0100JB-A (100P6S-A)
GP : Package PLQP0100KB-A (100P6Q-A)
ROM No.
Memory type:
M : Mask ROM version
G : One Time Flash version
F : Flash Memory version
S : ROM-less version
Part No.
M 3 0 3 0 2 M E P - X X X H P
Shows RAM capacity, pin count, etc
(The value itself has no specific meaning)
M16C/30 Series
M16C Family
ROM capacity:
A :
96 Kbytes
C : 128 Kbytes
D : 160 Kbytes
E : 192 Kbytes
G : 256 Kbytes
M16C/30P Group


Similar Part No. - M30302GAPVGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30302M4-XXX RENESAS-M30302M4-XXX Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30302M4-XXXFP RENESAS-M30302M4-XXXFP Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30302M4-XXXGP RENESAS-M30302M4-XXXGP Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30302M8-XXX RENESAS-M30302M8-XXX Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30302M8-XXXFP RENESAS-M30302M8-XXXFP Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M30302GAPVGP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com