Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F21226JFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F21226JFP
Description  MCU
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21226JFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F21226JFP Datasheet HTML 1Page - Renesas Technology Corp R5F21226JFP Datasheet HTML 2Page - Renesas Technology Corp R5F21226JFP Datasheet HTML 3Page - Renesas Technology Corp R5F21226JFP Datasheet HTML 4Page - Renesas Technology Corp R5F21226JFP Datasheet HTML 5Page - Renesas Technology Corp R5F21226JFP Datasheet HTML 6Page - Renesas Technology Corp R5F21226JFP Datasheet HTML 7Page - Renesas Technology Corp R5F21226JFP Datasheet HTML 8Page - Renesas Technology Corp R5F21226JFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
R8C/22 Group, R8C/23 Group
1. Overview
Rev.1.10 Mar 16, 2007
Page 5 of 48
REJ03B0097-0110
1.4
Product Information
Table 1.3 lists Product Information of R8C/22 Group and Table 1.4 lists Product Information of R8C/23 Group.
NOTE:
1. Do not use addresses 20000h to 23FFFh because these areas are used for the emulator debugger.
Refer to 24. Notes on Emulator Debugger.
(D): Under development
Figure 1.2
Type Number, Memory Size, and Package of R8C/22 Group
Table 1.3
Product Information for R8C/22 Group
Current of Mar. 2007
Type No.
ROM Capacity
RAM Capacity
Package Type
Remarks
R5F21226DFP (D)
32 Kbytes
2 Kbytes
PLQP0048KB-A
D version
Flash memory
version
R5F21227DFP (D)
48 Kbytes
2.5 Kbytes
PLQP0048KB-A
R5F21228DFP (D)
64 Kbytes
3 Kbytes
PLQP0048KB-A
R5F21226JFP
32 Kbytes
2 Kbytes
PLQP0048KB-A
J version
R5F21227JFP
48 Kbytes
2.5 Kbytes
PLQP0048KB-A
R5F21228JFP
64 Kbytes
3 Kbytes
PLQP0048KB-A
R5F2122AJFP (D)
96 Kbytes
5 Kbytes
PLQP0048KB-A
R5F2122CJFP (D)
128 Kbytes(1)
6 Kbytes
PLQP0048KB-A
R5F21226KFP
32 Kbytes
2 Kbytes
PLQP0048KB-A
K version
R5F21227KFP
48 Kbytes
2.5 Kbytes
PLQP0048KB-A
R5F21228KFP (D)
64 Kbytes
3 Kbytes
PLQP0048KB-A
R5F2122AKFP (D)
96 Kbytes
5 Kbytes
PLQP0048KB-A
R5F2122CKFP (D)
128 Kbytes(1)
6 Kbytes
PLQP0048KB-A
Part number
R 5 F 21 22 6 J FP
Package type:
FP: PLQP0048KB-A
(0.5 mm pin-pitch, 7 mm square body)
Classification
D: Operating ambient temperature -40°C to 85°C (D version)
J : Operating ambient temperature -40°C to 85°C (J version)
K : Operating ambient temperature -40°C to 125°C (K version)
ROM capacity
6 : 32 KB
7 : 48 KB
8 : 64 KB
A : 96 KB
C: 128 KB
R8C/22 Group
R8C/Tiny Series
Memory type
F : Flash memory version
Renesas MCU
Renesas semiconductors


Similar Part No. - R5F21226JFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21226JFP RENESAS-R5F21226JFP Datasheet
5Mb / 549P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
More results

Similar Description - R5F21226JFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
R8C2C RENESAS-R8C2C Datasheet
476Kb / 58P
   MCU
R8C-2G RENESAS-R8C-2G Datasheet
316Kb / 43P
   MCU
R8C-2K RENESAS-R8C-2K Datasheet
369Kb / 47P
   MCU
logo
GigaDevice Semiconducto...
GD32 GIGADEVICE-GD32 Datasheet
4Mb / 28P
   MCU
logo
Renesas Technology Corp
R8C2A RENESAS-R8C2A Datasheet
482Kb / 58P
   MCU
R8C-2H RENESAS-R8C-2H Datasheet
457Kb / 68P
   MCU
R8C-33A RENESAS-R8C-33A Datasheet
452Kb / 55P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com