Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3823 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 3823
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3823 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 3823 Datasheet HTML 41Page - Renesas Technology Corp 3823 Datasheet HTML 42Page - Renesas Technology Corp 3823 Datasheet HTML 43Page - Renesas Technology Corp 3823 Datasheet HTML 44Page - Renesas Technology Corp 3823 Datasheet HTML 45Page - Renesas Technology Corp 3823 Datasheet HTML 46Page - Renesas Technology Corp 3823 Datasheet HTML 47Page - Renesas Technology Corp 3823 Datasheet HTML 48Page - Renesas Technology Corp 3823 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
Rev.2.02
Jun 19, 2007
page 45 of 73
REJ03B0146-0202
3823 Group
Fig. 41 LCD drive waveform (1/3 bias)
Internal logic
LCDCK timing
1/4 duty
Voltage level
VL3
VSS
COM0
COM1
COM2
COM3
SEG0
OFFON
OFFON
COM3
COM2
COM1
COM0
COM3
COM2
COM1
COM0
1/3 duty
OFF
ON
ON
OFF
ONOFF
1/2 duty
COM0
COM1
COM2
SEG0
COM0
COM1
SEG0
OFF
ON
OFF
ON
OFF
ON
OFF
ON
VL3
VL2
VSS
VL1
VL3
VL2
VSS
VL1
VL3
VSS
VL3
VL2
VSS
VL1
VL3
VSS
COM0
COM2
COM1
COM0
COM2
COM1
COM0
COM2
COM1
COM0
COM1
COM0
COM1
COM0
COM1
COM0


Similar Part No. - 3823

ManufacturerPart #DatasheetDescription
logo
Lumberg
3823 LUMBERG-3823 Datasheet
76Kb / 2P
   Multimodul??Steckverbinder, Raster 2,5 mm
3823 LUMBERG-3823 Datasheet
246Kb / 3P
   Multimodul connectors, pitch 2.5 mm
logo
Heyco.
3823 HEYCO-3823 Datasheet
85Kb / 1P
   Tension Wire Clips - Vinyl U Style
logo
Lumberg
382302 LUMBERG-382302 Datasheet
76Kb / 2P
   Multimodul??Steckverbinder, Raster 2,5 mm
382302 LUMBERG-382302 Datasheet
246Kb / 3P
   Multimodul connectors, pitch 2.5 mm
More results

Similar Description - 3823

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com