Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9725 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA9725
Description  Y/C automatic adjustment processor VHS standard
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9725 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA9725 Datasheet HTML 3Page - NXP Semiconductors TDA9725 Datasheet HTML 4Page - NXP Semiconductors TDA9725 Datasheet HTML 5Page - NXP Semiconductors TDA9725 Datasheet HTML 6Page - NXP Semiconductors TDA9725 Datasheet HTML 7Page - NXP Semiconductors TDA9725 Datasheet HTML 8Page - NXP Semiconductors TDA9725 Datasheet HTML 9Page - NXP Semiconductors TDA9725 Datasheet HTML 10Page - NXP Semiconductors TDA9725 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
1996 Oct 14
7
Philips Semiconductors
Product specification
Y/C automatic adjustment processor
(VHS standard)
TDA9725
FUNCTIONAL DESCRIPTION
Record (REC)/electric to electric (EE) mode
LUMINANCE
From input pin 43 the CVBS signal is fed via the automatic
gain control (AGC) and subclamp (SCL) to the output
pin 41. Instead of the controlled and clamped CVBS signal
it is also possible to switch (dependent on the level at
pin 42) white, black or sync-level to this pin. To eliminate
chrominance parts the CVBS signal is fed to the luminance
low-pass filter (YLPF) and to the sync separator stage.
The sync signal is available at pin 45. The signal is also fed
via vertical emphasis non-linear emphasis (NLE),
deviation control stage, main emphasis and white-dark clip
to the FM modulator. The FM signal is available at pin 11.
CHROMINANCE
The chrominance signal is selected out of CVBS (from
pin 43) in BPF 4.43 MHz (band-pass filter) and controlled
in automatic chrominance control (ACC).
The chrominance signal is mixed with 5.06 MHz to
627 kHz and via LPF 627 kHz to the output pin 30.
Playback (PB)/video to video (VV) mode
LUMINANCE
The FM signal is fed via FM AGC and double limiter to the
controlled FM demodulator. After demodulation and
filtering in sub low-pass filter (SUBLPF) main
de-emphasis, YLPF and non-linear de-emphasis the
signal is fed to the vertical noise reduction (YNR) and in
parallel to the sync separator. The chrominance signal is
added in the Y/C mixer. The complete CVBS signal is
available at pin 41.
CHROMINANCE
The 627 kHz chrominance signal coming from tape via
BPF 627 kHz and field ACC to the balanced mixer. Mixed
with 5.06 MHz the 4.43 MHz chrominance signal is fed via
comb driver stage to the external comb filter (pin 35) and
via internal conjugated complex (C*) stage and internal AC
coupling to the luminance part.
Record and playback
In both modes record (REC) and playback (PB) the
5.06 MHz mixer frequency is produced by the 20.24 MHz
voltage controlled oscillator (VCO) and a divide-by-four.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Charge device model class B: discharging a 200 pF capacitor via a 0
Ω series resistor.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
0
6.0
V
VI
input voltage at pin 22
0
1.6
V
Vn
input voltage on all other pins
0
VCC
V
II
input current at pin 22
−−
10
mA
Ptot
total power dissipation
−−
1250
mW
Tstg
storage temperature
−25
+150
°C
Tamb
operating ambient temperature
−20
+70
°C
Ves
electrostatic handling for all pins
note 1
−300
+300
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
43
K/W


Similar Part No. - TDA9725

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA9045 ETC-TDA9045 Datasheet
183Kb / 5P
   VIDEO PROCESSOR AND INPUT SELECTOR
logo
STMicroelectronics
TDA9102 STMICROELECTRONICS-TDA9102 Datasheet
84Kb / 7P
   H/V PROCESSOR FOR TTL V.D.U
May 1996
TDA9102C STMICROELECTRONICS-TDA9102C Datasheet
84Kb / 7P
   H/V PROCESSOR FOR TTL V.D.U
May 1996
TDA9102C STMICROELECTRONICS-TDA9102C Datasheet
127Kb / 7P
   H/V PROCESSOR FOR TTL V.D.U
May 1994
TDA9102CT STMICROELECTRONICS-TDA9102CT Datasheet
127Kb / 7P
   H/V PROCESSOR FOR TTL V.D.U
May 1994
More results

Similar Description - TDA9725

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52005P MITSUBISHI-M52005P Datasheet
411Kb / 8P
   COMB FILTER Y/C PROCESSOR,CORING
logo
Sanyo Semicon Device
LA7316A-N SANYO-LA7316A-N Datasheet
127Kb / 5P
   VCR VHS Chroma Signal Processor
logo
Panasonic Semiconductor
EVM-3YSX50B53 PANASONIC-EVM-3YSX50B53 Datasheet
149Kb / 3P
   Automatic adjustment type (EVM3Y)
logo
Sanyo Semicon Device
LA7390N SANYO-LA7390N Datasheet
295Kb / 10P
   VHS-format VCR Video Signal Processor
logo
NXP Semiconductors
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
logo
Mitsubishi Electric Sem...
M52057FP MITSUBISHI-M52057FP Datasheet
617Kb / 10P
   VHS SYSTEM VCR CHROMA SIGNAL PROCESSOR???
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA71525M SANYO-LA71525M Datasheet
277Kb / 25P
   Video/audio signal processor for VHS VCRs
logo
Rohm
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7330 SANYO-LA7330 Datasheet
235Kb / 5P
   Chroma Signal Processor for VHS VTR Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com