Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLLM317 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GLLM317
Description  3-TERMINAL 1.5A POSITIVE ADJSTABLE VOLTAGE REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GLLM317 Datasheet(HTML) 2 Page - GTM CORPORATION

  GLLM317 Datasheet HTML 1Page - GTM CORPORATION GLLM317 Datasheet HTML 2Page - GTM CORPORATION GLLM317 Datasheet HTML 3Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CORPORATION
2/3
ISSUED DATE :2004/12/22
REVISED DATE :
Electrical Characteristics
(Vi-Vo=5V,0 <Tj<125 ,Io=500mA,IMax=1.5A,PMax=20W,unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
TYP
Max
Unit
Ta=25 , 3V Vi-Vo 40V
-
0.01
0.04
%/V
Line Regulation
Vo
Ta=0~125 , 3V Vi-Vo<
˙0V
-
0.02
0.07
%/V
Ta=25
Vo 6V
-
18
25
mV
10mA Io IMax
Vo
¨V
-
0.4
0.5
%/Vo
Vo
¨V
-
40
70
mV
Load Regulation
Vo
10mA Io IMax
Vo
V
-
0.8
1.5
%/Vo
Adjustable Pin Current
IADJ
-
46
100
A
Adjustable Pin Current Change
IADJ
2.5V Vi-Vo 40V,
10mA Io IMax, PD PMax
-
2.0
5
A
Reference Voltage
VREF
3V Vi-Vo 40V,
10mA Io IMax, PD PMax
1.225
1.25
1.275
V
Temperature Stability
STT
-
0.7
-
%/Vo
Minimum Load Current for Regulation
IL(Min)
Vi-Vo=40V
-
3.5
10
mA
Vi-Vo 15V, PD PMax
1.5
2.2
-
Maximum Output Current
Io(Max)
Vi-Vo 15V, PD PMax Ta=25
0.15
0.4
-
A
RMS Noise v.s. % of Vout
eN
Ta=25 , 10Hz f 10KHz
-
0.003
0.01
%/Vo
Vo=10V, f=120Hz
-
60
-
Ripple Rejection
RR
Vo=10V, f=120Hz, Cadj=10 F
66
75
-
dB
Long-term Stability, Tj=Thigh
ST
Ta=25 ,1000hr
-
0.3
1
%
Junction to Case Thermal Resistance
R jc
-
-
5
-
/W
*Note: Testing with low duty pulse should be used to avoid heating effect.
Characteristics Curve


Similar Part No. - GLLM317

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLLM317 ETC2-GLLM317 Datasheet
311Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
GLLM317 ETL-GLLM317 Datasheet
315Kb / 3P
   3 - T E RMI N A L 1 . 5 A P O S I T I V E A D J U S TA B L E VO LTAG E R EG U L AT O R
logo
First Components Intern...
GLLM317 FCI-GLLM317 Datasheet
463Kb / 3P
   3-Terminal 1.5A Positive Adjustable Voltage Regulator
GLLM317J FCI-GLLM317J Datasheet
465Kb / 3P
   3-Terminal 1.5A Positive Adjustable Voltage Regulator
logo
GTM CORPORATION
GLLM317L GTM-GLLM317L Datasheet
197Kb / 3P
   100mA ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - GLLM317

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GJLM317 GTM-GJLM317 Datasheet
308Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJSTABLE VOLTAGE REGULATOR
GELM317 GTM-GELM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJSTABLE VOLTAGE REGULATOR
GULM317 GTM-GULM317 Datasheet
331Kb / 3P
   3-TERMINAL 1A POSITIVE ADJSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
78T05AA UTC-78T05AA Datasheet
325Kb / 10P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
LM78XXA UTC-LM78XXA Datasheet
260Kb / 7P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
78TXXAA UTC-78TXXAA Datasheet
759Kb / 8P
   3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
LM317J FCI-LM317J Datasheet
365Kb / 3P
   3-Terminal 1.5A Positive Adjustable Voltage Regulator
logo
List of Unclassifed Man...
GJLM317 ETC2-GJLM317 Datasheet
308Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
First Components Intern...
GLLM317J FCI-GLLM317J Datasheet
465Kb / 3P
   3-Terminal 1.5A Positive Adjustable Voltage Regulator
LM317S FCI-LM317S Datasheet
335Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com