Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF7S38010H Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MRF7S38010H
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF7S38010H Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MRF7S38010H Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF7S38010H Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF7S38010H Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF7S38010H Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF7S38010H Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF7S38010H Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF7S38010H Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF7S38010H Datasheet HTML 12Page - Freescale Semiconductor, Inc MRF7S38010H Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MRF7S38010HR3 MRF7S38010HSR3
9
RF Device Data
Freescale Semiconductor
Zo = 50 Ω
Zload
Zsource
f = 3600 MHz
f = 3400 MHz
f = 3400 MHz
f = 3600 MHz
VDD = 30 Vdc, IDQ = 160 mA, Pout = 2 W Avg.
f
MHz
Zsource
W
Zload
W
3400
31.79 - j0.13
13.92 - j11.33
3425
32.46 - j3.62
14.61 - j11.40
3450
32.58 - j6.82
15.53 - j11.36
3475
32.29 - j9.43
16.44 - j11.28
3500
31.32 - j11.63
17.25 - j11.07
3525
30.03 - j13.46
18.11 - j10.64
3550
28.76 - j15.19
18.96 - j10.22
3575
27.24 - j16.25
19.60 - j9.68
3600
25.51 - j17.02
20.17 - j8.99
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Figure 15. Series Equivalent Source and Load Impedance
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network


Similar Part No. - MRF7S38010H

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF7S38040HR3 FREESCALE-MRF7S38040HR3 Datasheet
516Kb / 15P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S38040HSR3 FREESCALE-MRF7S38040HSR3 Datasheet
516Kb / 15P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S38075HR3 FREESCALE-MRF7S38075HR3 Datasheet
441Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S38075HSR3 FREESCALE-MRF7S38075HSR3 Datasheet
441Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF7S38010H

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com