Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4525LETB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4525LETB
Description  Low-Voltage, Single-Supply Analog Multiplexers/Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4525LETB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4525LETB Datasheet HTML 1Page - Maxim Integrated Products MAX4525LETB Datasheet HTML 2Page - Maxim Integrated Products MAX4525LETB Datasheet HTML 3Page - Maxim Integrated Products MAX4525LETB Datasheet HTML 4Page - Maxim Integrated Products MAX4525LETB Datasheet HTML 5Page - Maxim Integrated Products MAX4525LETB Datasheet HTML 6Page - Maxim Integrated Products MAX4525LETB Datasheet HTML 7Page - Maxim Integrated Products MAX4525LETB Datasheet HTML 8Page - Maxim Integrated Products MAX4525LETB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Voltage, Single-Supply Analog
Multiplexers/Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +12V Supply
(V+ = 12V
±5%, GND = 0V, VIH = 2.0V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All Voltages Referenced to GND, Unless Otherwise Noted.)
V+ ...........................................................................-0.3V to +13V
Voltage at Any Pin (Note 1) ..........................-0.3V to (V+ + 0.3V)
Continuous Current into Any Terminal ..............................
±20mA
Peak Current NO_, NC_ or COM_
(pulsed at 1ms, 10% duty cycle) ...................................
±40mA
ESD per Method 3015.7 ..................................................>2000V
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above +70°C) ...........444mW
10-Pin TDFN (derate 24.4mW/oC above +70°C) .......1951mW
Operating Temperature Range
MAX452_E_ _...................................................-40
°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: Voltages exceeding V+ or GND on any signal terminal are clamped by internal diodes. Limit forward-diode current to maxi-
mum current rating.
PARAMETER
SYMBOL
CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM, VNO__
-40°C to +85°C
0V+
V
+25°C45
80
COM-NO/NC
On-Resistance
RON
V+ = 11.4V, ICOM = 1mA,
VCOM = 10V
-40°C to +85°C
100
+25°C2
10
COM-NO/NC
On-Resistance
Match Between Channels
∆RON
V+ = 11.4V, ICOM = 1mA,
VCOM = 10V (Note 4)
-40°C to +85°C
15
COM-NO/NC On-
Resistance Flatness
RFLAT
V+ = 11.4V, ICOM = 1mA,
VCOM = 1.5V, 6.0V, 10V
(Note 5)
+25°C5
12
+25°C-2
+2
NO/NC Off-Leakage
INO(OFF)
INC(OFF)
V+ = 12.6V, VNO = 1.0V, 10V,
VCOM = 10V, 1.0V (Note 6)
-40°C to +85°C
-10
+10
nA
+25°C-2
+2
MAX4524L
-40°C to +85°C
-50
+50
+25°C-2
+2
COM Off-Leakage
ICOM(OFF)
V+ = 12.6V,
VNO = 1V, 10V;
VCOM = 10V, 1V
(Note 6)
MAX4525L
-40°C to +85°C
-25
+25
nA
+25°C-2
+2
MAX4524L
-40°C to +85°C
-50
+50
+25°C-2
+2
COM ON-Leakage
ICOM(ON)
V+ = 12.6V,
VCOM = 10V, 1V
(Note 6)
MAX4525L
-40°C to +85°C
-25
+25
nA
DIGITAL I/O (INH, ADD_)
Logic-Input Threshold High
VIH
-40°C to +85°C
1.5
2.0
V
Logic-Input Threshold Low
VIL
-40°C to +85°C
0.8
1.5
V
Input Current High
IIH
VADD_ = VINH = 2.0V
+25°C-1
+1
µA
Input Current Low
IIL
VADD_ = VINH = 0.8V
+25°C-1
+1
µA


Similar Part No. - MAX4525LETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4525LETB MAXIM-MAX4525LETB Datasheet
1,002Kb / 11P
   Low-Voltage, Single-Supply Analog Multiplexers/Switches
2014
More results

Similar Description - MAX4525LETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4524L MAXIM-MAX4524L_V01 Datasheet
1,002Kb / 11P
   Low-Voltage, Single-Supply Analog Multiplexers/Switches
2014
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com