Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2314EEI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2314EEI
Description  CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2314EEI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2314EEI Datasheet HTML 1Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 2Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 3Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 4Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 5Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 6Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 7Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 8Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CDMA IF VGAs and I/Q Demodulators
with VCO and Synthesizer
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2310/MAX2314 or MAX2312/MAX2316 EV kit, VCC = +2.75V, registers set to default power-up states, fIN = 210.88MHz for
CDMA, fIN = 85.88MHz for FM, fREF = 19.68MHz, synthesizer locked with passive 2nd-order lead-lag loop filter, SHDN = high, VGC
set for +35dB voltage gain, differential output load = 10k
Ω, all power levels referred to 50Ω, TA = +25°C, unless otherwise noted.)
120kHz offset
30kHz offset
-119
12.5kHz offset
1kHz offset
(Note 6)
(Note 6)
CONDITIONS
-110
30kHz offset
12.5kHz offset
-105
1kHz offset
900kHz offset
-91
-100
-72
dBc
-50
Base Band Spurious due to PLL
-64
dBc/Hz
-125
LOOUT at 85MHz,
VCO_L Enabled (Note 9)
900kHz offset
kHz
1500
Maximum Phase Detector
Comparison Frequency
kHz
20
Minimum Phase Detector
Comparison Frequency
2047
R1, R2
REF Maximum Divide Ratio
2
R1, R2
REF Minimum Divide Ratio
16383
M1, M2
VCO Maximum Divide Ratio
dBc/Hz
-125
256
M1, M2
VCO Minimum Divide Ratio
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
120kHz offset
LOOUT at 210MHz,
VCO_H Enabled (Note 9)
Locked, CPX = 00
Acquisition, CPX = XX, TC = 1 (Note 10)
105
150
190
-115
1480
2100
2650
Charge-Pump Source/Sink
Current
Note 1:
FM_IQ and FM_I modes are not available on MAX2312 and MAX2316.
Note 2:
Recommended operating frequency range.
Note 3:
f1 = 210.88MHz, f2 = 210.89MHz, Pf1 = Pf2 = -15dBm.
Note 4:
f1 = 210.88MHz, f2 = 210.89MHz, Pf1 = Pf2 = -50dBm.
Note 5:
Small-signal gain at 200kHz below the LO frequency will be reduced by less than 0.25dB when an interfering signal at
1.25MHz below the LO frequency is applied at the specified level.
Note 6:
Guaranteed by design and characterization.
Note 7:
f1 = 85.88MHz, f2 = 85.98MHz, Pf1 = Pf2 = -15dBm.
Note 8:
f1 = 85.88MHz, f2 = 85.98MHz, Pf1 = Pf2 = -50dBm.
Note 9:
Measured at LOOUT with BD = 0 (
÷2 selected).
Note 10: Not available on MAX2316.
Locked, CPX = 10
Locked, CPX = 01
210
300
380
150
210
265
Locked, all values of CPX,
0.5V < VCP < VCC - 0.5V
Locked, CPX = 11
%
0.2
10
Charge-Pump Source/Sink
Matching
µA
300
425
530


Similar Part No. - MAX2314EEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2314EEI MAXIM-MAX2314EEI Datasheet
342Kb / 22P
   CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Rev 1; 3/03
More results

Similar Description - MAX2314EEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2310 MAXIM-MAX2310 Datasheet
342Kb / 22P
   CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Rev 1; 3/03
MAX2306 MAXIM-MAX2306 Datasheet
295Kb / 20P
   CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
19-2014; Rev 2; 7/01
logo
Intersil Corporation
HFA3783 INTERSIL-HFA3783 Datasheet
608Kb / 34P
   I/Q Modulator/Demodulator and Synthesizer
March 2000
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com