Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX126CEAX Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX126CEAX
Description  2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX126CEAX Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX126CEAX Datasheet HTML 2Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 3Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 4Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 5Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 6Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 7Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 8Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 9Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
_______________Detailed Description
The MAX125/MAX126 use a successive-approximation
conversion technique and four simultaneous-sampling
track/hold (T/H) amplifiers to convert analog signals into
14-bit digital outputs. Each T/H has two multiplexed
inputs, allowing a total of eight inputs. Each T/H output
is converted and stored in memory to be accessed
sequentially by the parallel interface with successive
read cycles. The MAX125/MAX126 internal micro-
sequencer can be programmed to digitize one, two,
three, or four inputs sampled simultaneously from either
of the two banks of four inputs (see Figure 2).
The conversion timing and control sequences are
derived from a 16MHz external clock, the CONVST
2x4-Channel, Simultaneous-Sampling
14-Bit DAS
6
_______________________________________________________________________________________
NAME
FUNCTION
1, 2
CH2B, CH2A
Channel 2 Multiplexed Inputs, single-ended
3, 4
CH1B, CH1A
Channel 1 Multiplexed Inputs, single-ended
PIN
5
AVDD
+5V ±5% Analog Supply Voltage
6
REFIN
External Reference Input/Internal Reference Output. Bypass with a 0.1µF capacitor to AGND.
17
DVDD
+5V ±5% Digital Supply Voltage
9–16
D13–D6
Data Bits. D13 = MSB.
8, 36
AGND
Analog Ground. Both pins must be tied to ground.
7
REFOUT
Reference-Buffer Output. Bypass with a 4.7µF capacitor to AGND.
26
CS
Chip-Select Input (active-low)
25
CLK
Clock Input (duty cycle must be 30% to 70%).
21–24
D3/A3–D0/A0
Bidirectional Data Bits/Address Bits. D0/A0 = LSB.
19, 20
D5, D4
Data Bits
18
DGND
Digital Ground
______________________________________________________________Pin Description
27
WR
Write Input (active-low)
28
RD
Read Input (active-low)
29
CONVST
Conversion-Start Input. Rising edge initiates sampling and conversion sequence.
30
INT
Interrupt Output. Falling edge indicates the end of a conversion sequence.
31
AVSS
-5V ±5% Analog Supply Voltage
32, 33
CH4A, CH4B
Channel 4 Multiplexed Inputs, single-ended
34, 35
CH3A, CH3B
Channel 3 Multiplexed Inputs, single-ended
Figure 1. Load Circuit for Access Time and Bus Relinquish Time
TO OUTPUT
PIN
120pF
1.0mA
1.6mA
1.6V


Similar Part No. - MAX126CEAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX126CEAX MAXIM-MAX126CEAX Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX126CEAX MAXIM-MAX126CEAX Datasheet
379Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
More results

Similar Description - MAX126CEAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX125 MAXIM-MAX125_08 Datasheet
379Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
MAX1248 MAXIM-MAX1248 Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
logo
Analog Devices
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
logo
Analog Devices
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
AD7607 AD-AD7607 Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7617 AD-AD7617 Datasheet
947Kb / 52P
   16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD4858 AD-AD4858 Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com