Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX301CPE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX301CPE
Description  Precision, Dual, High-Speed Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX301CPE Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX301CPE Datasheet HTML 1Page - Maxim Integrated Products MAX301CPE Datasheet HTML 2Page - Maxim Integrated Products MAX301CPE Datasheet HTML 3Page - Maxim Integrated Products MAX301CPE Datasheet HTML 4Page - Maxim Integrated Products MAX301CPE Datasheet HTML 5Page - Maxim Integrated Products MAX301CPE Datasheet HTML 6Page - Maxim Integrated Products MAX301CPE Datasheet HTML 7Page - Maxim Integrated Products MAX301CPE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
_______________________________________________________________________________________ 7
Precision, Dual, High-Speed Analog Switches
IN_
0V, 2.4V
SIGNAL
GENERATOR
+15V
+5V
C
C
V+
VL
ANALYZER
CH A
CH B
NC OR NO
RL
100
GND
VCOM
C
-15V
C = 5pF
FREQUENCY
TESTED
1 MHz
SIGNAL
GENERATOR
AUTOMATIC
SYNTHESIZER
ANALYZER
TRACKING
SPECTRUM
ANALYZER
OFF ISOLATION = 20LOG
VCOM
VNC OR VNO
V-
IN2
0V, 2.4V
SIGNAL
GENERATOR
+15V
+5V
C
C
V+
V
ANALYZER
CH A
CH B
NC OR NO
RL
100
GND
COM
C
V-
-15V
C = 5pF
FREQUENCY
TESTED
1 MHz
SIGNAL
GENERATOR
AUTOMATIC
SYNTHESIZER
ANALYZER
TRACKING
SPECTRUM
ANALYZER
0V, 2.4V
IN_
NC OR NO
50
V+
COM
VL
CAPACITANCE
METER
NC OR NO
COM
GND
C
V-
-15V
IN_
0V, 2.4V
C
C
+15V
V+
+5V
V+
VL
Figure 5. Off Isolation
Figure 6. Crosstalk Test Circuit
Figure 7. Channel On-Capacitance
V-
CAPACITANCE
METER
COM_
GND
C
-15V
IN_
0V, 2.4V
C
C
+15V
+5V
V+
VL
Figure 8. Channel Off-Capacitance


Similar Part No. - MAX301CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX301CPE MAXIM-MAX301CPE Datasheet
93Kb / 8P
   Precision, Dual, High-Speed Analog Switches
Rev 0; 9/93
More results

Similar Description - MAX301CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX301 MAXIM-MAX301 Datasheet
93Kb / 8P
   Precision, Dual, High-Speed Analog Switches
Rev 0; 9/93
DG401 MAXIM-DG401 Datasheet
92Kb / 8P
   Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
DG-403-DJ MAXIM-DG-403-DJ Datasheet
95Kb / 8P
   Improved, Dual, High-Speed Analog Switches
Rev 2; 6/99
logo
Pericom Semiconductor C...
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
   Precision, Dual-Supply Analog Switches
logo
Maxim Integrated Produc...
DG40135 MAXIM-DG40135 Datasheet
33Kb / 5P
   IMPROVED, DUAL, HIGH-SPEED CHANNEL ANALOG SWITCHES
19-0079 Rev. C
logo
Advanced Linear Devices
ALD4211 ALD-ALD4211_05 Datasheet
48Kb / 8P
   CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
ALD4213 ALD-ALD4213 Datasheet
60Kb / 8P
   CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
   Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
logo
Toshiba Semiconductor
SSM6N35AFE TOSHIBA-SSM6N35AFE Datasheet
230Kb / 9P
   High-Speed Switching Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com