Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX301 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX301
Description  Precision, Dual, High-Speed Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX301 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX301_07 Datasheet HTML 1Page - Maxim Integrated Products MAX301_07 Datasheet HTML 2Page - Maxim Integrated Products MAX301_07 Datasheet HTML 3Page - Maxim Integrated Products MAX301_07 Datasheet HTML 4Page - Maxim Integrated Products MAX301_07 Datasheet HTML 5Page - Maxim Integrated Products MAX301_07 Datasheet HTML 6Page - Maxim Integrated Products MAX301_07 Datasheet HTML 7Page - Maxim Integrated Products MAX301_07 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX301/MAX303/MAX305 are precision, dual, high-
speed analog switches. The single-pole single-throw
(SPST) MAX301 and double-pole single-throw (DPST)
MAX305 dualswitches are normally open (NO). The sin-
gle-pole double-throw (SPDT) MAX303 has two NO and
two normally closed (NC) poles. All three parts offer low
on resistance (less than 35
Ω), guaranteed to match to
within 2
Ω between channels and to remain flat over the
full analog signal range (
Δ3max). They also offer low leak-
age (less than 250pA at +25°C and less than 6nA at
+85°C) and fast switching (turn-on time less than 150ns
and turn-off time less than 100ns).
The MAX301/MAX303/MAX305 are fabricated with
Maxim’s new improved silicon-gate process for high
system accuracy. Design improvements guarantee
extremely low charge injection (15pC) and low power
consumption (35µW). A 44V maximum breakdown volt-
age allows rail-to-rail analog signal capability.
These monolithic switches operate with a single positive
supply (+10V to +30V) or with split supplies (±4.5V
to ±20V) while retaining CMOS-logic input compatibility
and fast switching. CMOS inputs provide reduced input
loading.
Applications
Features
♦ Low On-Resistance < 22Ω Typical (35Ω Max)
♦ Guaranteed Matched On-Resistance Between
Channels < 2
Ω
♦ Guaranteed Flat On-Resistance over Full Analog
Signal Range
Δ3Ω Max
♦ Guaranteed Charge Injection < 15pC
♦ Guaranteed Off-Channel Leakage < 6nA at +85°C
♦ Single-Supply Operation (+10V to +30V)
Bipolar-Supply Operation (±4.5V to ±20V)
♦ TTL-/CMOS-Logic Compatible
♦ Rail-to-Rail Analog Signal Handling Capability
Precision, Dual, High-Speed Analog Switches
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NO1
IN1
V-
GND
N.C.
N.C.
N.C.
COM1
TOP VIEW
MAX301
VL
V+
IN2
NO2
COM2
N.C.
N.C.
N.C.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NO1
IN1
V-
GND
NC3
COM3
N.C.
COM1
MAX303
VL
V+
IN2
NO2
COM2
N.C.
COM4
NC4
DIP/SO
DIP/SO
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NO1
IN1
V-
GND
NO3
COM3
N.C.
COM1
MAX305
VL
V+
IN2
NO2
COM2
N.C.
COM4
NO4
DIP/SO
MAX301
LOGIC
SWITCH
0
1
OFF
ON
MAX303
LOGIC
SWITCHES 1, 2
0
1
OFF
ON
MAX305
LOGIC
SWITCH
0
1
OFF
ON
SWITCHES 3, 4
ON
OFF
SWITCHES SHOWN FOR LOGIC "0" INPUT
LCC packages on last page.
Pin Configurations/Block Diagrams/Truth Tables
Ordering Information
19-0159; Rev 1; 2/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information continued on last page.
*
Contact factory for dice specifications.
**
Contact factory for package availability .
Sample-and-Hold Circuits
Test Equipment
Heads-Up Displays
Guidance and Control
Systems
Military Radios
Communication Systems
Battery-Operated Systems
PBX, PABX
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX301CPE
0°C to +70°C
16 Plastic DIP
P16-1
MAX301CSE
0°C to +70°C
16 Narrow SO
S16-2
MAX301CJE
0°C to +70°C
16 CERDIP
J16-3
MAX301C/D
0°C to +70°C
Dice*
MAX301EPE
-40°C to +85°C
16 Plastic DIP
P16-1
MAX301ESE
-40°C to +85°C
16 Narrow SO
S16-2
MAX301EJE
-40°C to +85°C
16 CERDIP
J16-3
MAX301MJE
-55°C to +125°C
16 CERDIP**
J16-3
MAX301MLP
-55°C to +125°C
20LCC*
L20-3


Similar Part No. - MAX301_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX30100 MAXIM-MAX30100 Datasheet
881Kb / 29P
   Integrated Ambient Light Cancellation
Rev 0; 9/14
MAX30110 MAXIM-MAX30110 Datasheet
711Kb / 37P
   Optimized Pulse-Oximeter and Heart Rate AFE forWearable Health
Rev 0; 6/17
MAX30110 MAXIM-MAX30110 Datasheet
6Mb / 27P
   Quick Evaluation of the MAX30110
319-100029; Rev 1; 7/17
MAX30110ACCEVKIT MAXIM-MAX30110ACCEVKIT Datasheet
6Mb / 27P
   Quick Evaluation of the MAX30110
319-100029; Rev 1; 7/17
MAX30110EVKIT MAXIM-MAX30110EVKIT Datasheet
6Mb / 27P
   MAX30110 Evaluation Kit
Rev 1; 7/17
More results

Similar Description - MAX301_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX301 MAXIM-MAX301 Datasheet
93Kb / 8P
   Precision, Dual, High-Speed Analog Switches
Rev 0; 9/93
DG401 MAXIM-DG401 Datasheet
92Kb / 8P
   Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
DG-403-DJ MAXIM-DG-403-DJ Datasheet
95Kb / 8P
   Improved, Dual, High-Speed Analog Switches
Rev 2; 6/99
logo
Pericom Semiconductor C...
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
   Precision, Dual-Supply Analog Switches
logo
Maxim Integrated Produc...
DG40135 MAXIM-DG40135 Datasheet
33Kb / 5P
   IMPROVED, DUAL, HIGH-SPEED CHANNEL ANALOG SWITCHES
19-0079 Rev. C
logo
Advanced Linear Devices
ALD4211 ALD-ALD4211_05 Datasheet
48Kb / 8P
   CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
ALD4213 ALD-ALD4213 Datasheet
60Kb / 8P
   CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
   Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
logo
Toshiba Semiconductor
SSM6N35AFE TOSHIBA-SSM6N35AFE Datasheet
230Kb / 9P
   High-Speed Switching Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com