Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX109EHF-D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX109EHF-D
Description  8-Bit, 2.2Gsps ADC with Track/Hold Amplifier and 1:4 Demultiplexed LVDS Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX109EHF-D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX109EHF-D Datasheet HTML 1Page - Maxim Integrated Products MAX109EHF-D Datasheet HTML 2Page - Maxim Integrated Products MAX109EHF-D Datasheet HTML 3Page - Maxim Integrated Products MAX109EHF-D Datasheet HTML 4Page - Maxim Integrated Products MAX109EHF-D Datasheet HTML 5Page - Maxim Integrated Products MAX109EHF-D Datasheet HTML 6Page - Maxim Integrated Products MAX109EHF-D Datasheet HTML 7Page - Maxim Integrated Products MAX109EHF-D Datasheet HTML 8Page - Maxim Integrated Products MAX109EHF-D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
8-Bit, 2.2Gsps ADC with Track/Hold Amplifier
and 1:4 Demultiplexed LVDS Outputs
_______________________________________________________________________________________
5
DC ELECTRICAL CHARACTERISTICS (continued)
(VCCA = VCCI = VCCD = 5V, VCCO = 3.3V, VEE = -5V, GNDA = GNDI = GNDO = GNDD = GNDR = 0V, VOSADJ = SAMPADJ =
open, digital output pins differential RL = 100Ω. Specifications ≥ +25°C guaranteed by production test, < +25°C guaranteed by
design and characterization. Typical values are at TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
Analog Supply Current
IVCCA
556
744
mA
Positive Input Supply Current
IVCCI
125
168
mA
Negative Input Supply Current
IIVEEI
181
240
mA
Digital Supply Current
IVCCD
291
408
mA
Output Supply Current
IVCCO
222
300
mA
Power Dissipation
PDISS
6.50
8.79
W
Positive Power-Supply Rejection
Ratio
PSRRP
(Note 5)
50
dB
Negative Power-Supply Rejection
Ratio
PSRRN
VEE = -5.25V to -4.75V
50
dB
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT
Analog Input Full-Power
Bandwidth (Note 6)
BW-3dB
2.8
GHz
Gain Flatness
GF
1100MHz to 2200MHz
±0.3
dB
DYNAMIC SPECIFICATIONS
SNR300
fIN = 300MHz, fCLK = 2.2Gsps
44.6
SNR1000
fIN = 1000MHz, fCLK = 2.2Gsps (Note 8)
43.6
44.5
SNR1600
fIN = 1600MHz, fCLK = 2.2Gsps (Note 8)
42.2
44.0
SNR2500
fIN = 2500MHz, fCLK = 2.2Gsps
42.9
SNR500
fIN = 500MHz, fCLK = 2.5Gsps
44.4
Signal-to-Noise Ratio
SNR1600
fIN = 1600MHz, fCLK = 2.5Gsps
44.0
dB
THD300
fIN = 300MHz, fCLK = 2.2Gsps
-55.6
THD1000
fIN = 1000MHz, fCLK = 2.2Gsps (Note 8)
-48.5
-42.5
THD1600
fIN = 1600MHz, fCLK = 2.2Gsps (Note 8)
-46.6
-39.6
THD2500
fIN = 2500MHz, fCLK = 2.2Gsps
-43.7
THD500
fIN = 500MHz, fCLK = 2.5Gsps
-49.0
Total Harmonic Distortion (Note 7)
THD1600
fIN = 1600MHz, fCLK = 2.5Gsps
-43.1
dBc
AC ELECTRICAL CHARACTERISTICS
(VCCA = VCCI = VCCD = 5V, VCCO = 3.3V, VEE = -5V, GNDA = GNDI = GNDD = GNDO = GNDR = 0V, fCLK = 2.2Gsps, analog input
amplitude at -1dBFS differential, clock input amplitude 400mVP-P differential, digital output pins differential RL = 100Ω. Typical values
are at TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX109EHF-D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX109EHF-D MAXIM-MAX109EHF-D Datasheet
457Kb / 29P
   8-Bit, 2.2Gsps ADC with Track/Hold Amplifier and 1:4 Demultiplexed LVDS Outputs
2008
More results

Similar Description - MAX109EHF-D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX109 MAXIM-MAX109_V01 Datasheet
457Kb / 29P
   8-Bit, 2.2Gsps ADC with Track/Hold Amplifier and 1:4 Demultiplexed LVDS Outputs
2008
logo
Analog Devices
AD7575 AD-AD7575_17 Datasheet
181Kb / 13P
   8-Bit ADC with Track/Hold
AD7821 AD-AD7821_17 Datasheet
330Kb / 17P
   8-Bit ADC with Track/Hold Function
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
   250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Analog Devices
AD7820 AD-AD7820_17 Datasheet
644Kb / 13P
   8-Bit ADC with Track/Hold Function
AD7575 AD-AD7575_15 Datasheet
150Kb / 12P
   5 s 8-Bit ADC with Track/Hold
REV. B
AD7575SE AD-AD7575SE Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575JNZ AD-AD7575JNZ Datasheet
137Kb / 12P
   LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com