Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26502 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS26502
Description  T1/E1/J1/64KCC BITS Element
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26502 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS26502_06 Datasheet HTML 1Page - Dallas Semiconductor DS26502_06 Datasheet HTML 2Page - Dallas Semiconductor DS26502_06 Datasheet HTML 3Page - Dallas Semiconductor DS26502_06 Datasheet HTML 4Page - Dallas Semiconductor DS26502_06 Datasheet HTML 5Page - Dallas Semiconductor DS26502_06 Datasheet HTML 6Page - Dallas Semiconductor DS26502_06 Datasheet HTML 7Page - Dallas Semiconductor DS26502_06 Datasheet HTML 8Page - Dallas Semiconductor DS26502_06 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 125 page
background image
1 of 125
REV: 053107
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS26502 is a building-integrated timing-
supply (BITS) clock-recovery element. It also
functions as a basic T1/E1 transceiver. The
receiver portion can recover a clock from T1,
E1, 64kHz composite clock (64KCC), and
6312kHz synchronization timing interfaces. In
T1 and E1 modes, the Synchronization Status
Message (SSM) can also be recovered. The
transmit portion can directly interface to T1, E1,
or 64KCC synchronization interfaces as well as
source the SSM in T1 and E1 modes. The
DS26502 can translate between any of the
supported inbound synchronization clock rates to
any supported outbound rate. A separate output
is provided to source a 6312kHz clock. The
device is controlled through a parallel, serial, or
hardware controller port.
APPLICATIONS
BITS Timing
Rate Conversion
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS26502L
0°C to +70°C
64 LQFP
DS26502LN
-40°C to +85°C
64 LQFP
FEATURES
G.703 2048kHz Synchronization Interface
Compliant
G.703 64kHz Centralized (Option A) and
Codirectional Timing Interface Compliant
G.703 Appendix II 64kHz and 6312kHz
Japanese Synchronization Interface
Compliant
Interfaces to Standard T1/J1 (1.544MHz) and
E1 (2.048MHz)
Interface to CMI-Coded T1/J1 and E1
Short- and Long-Haul Line Interface
Transmit and Receive T1 and E1 SSM
Messages with Message Validation
T1/E1 Jitter Attenuator with Bypass Mode
Fully Independent Transmit and Receive
Functionality
Internal Software-Selectable Receive- and
Transmit-Side Termination for
75Ω/100Ω/110Ω/120Ω T1, E1, and
Composite Clock Interfaces
Monitor Mode for Bridging Applications
Accepts 16.384MHz, 12.8MHz, 8.192MHz,
4.096MHz, 2.048MHz, or 1.544MHz Master
Clock
64kHz, 8kHz, and 400Hz Outputs in
Composite Clock Mode
8-Bit Parallel Control Port, Multiplexed or
Nonmultiplexed, Intel or Motorola
Serial (SPI) Control Port
Hardware Control Mode
Provides LOS, AIS, and LOF Indications
Through Hardware Output Pins
Fast Transmitter-Output Disable Through
Device Pin for Protection Switching
IEEE 1149.1 JTAG Boundary Scan
3.3V Supply with 5V Tolerant Inputs and
Outputs
DS26502
T1/E1/J1/64KCC BITS Element
www.maxim-ic.com


Similar Part No. - DS26502_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26502DK MAXIM-DS26502DK Datasheet
1Mb / 30P
   T1/E1/J1/64KCC Bits Element Design Kit
REV: 031507
DS26502L MAXIM-DS26502L Datasheet
1Mb / 124P
   T1/E1/J1/64KCC BITS Element
REV: 032405
DS26502LN MAXIM-DS26502LN Datasheet
1Mb / 124P
   T1/E1/J1/64KCC BITS Element
REV: 032405
More results

Similar Description - DS26502_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26504 MAXIM-DS26504 Datasheet
1Mb / 128P
   T1/E1/J1/64KCC BITS Element
REV: 070105
DS26502 MAXIM-DS26502 Datasheet
1Mb / 124P
   T1/E1/J1/64KCC BITS Element
REV: 032405
DS26504 MAXIM-DS26504_06 Datasheet
1,022Kb / 128P
   T1/E1/J1/64KCC BITS Element
REV: 100507
DS26504 MAXIM-DS26504_V01 Datasheet
3Mb / 129P
   T1/E1/J1/64KCC BITS Element
REV: 072308
DS26502DK MAXIM-DS26502DK Datasheet
1Mb / 30P
   T1/E1/J1/64KCC Bits Element Design Kit
REV: 031507
logo
Dallas Semiconductor
DS26503 DALLAS-DS26503 Datasheet
995Kb / 123P
   T1/E1/J1 BITS Element
logo
Maxim Integrated Produc...
DS26503 MAXIM-DS26503_07 Datasheet
3Mb / 122P
   T1/E1/J1 BITS Element
REV: 100507
logo
Exar Corporation
XRT86VL30 EXAR-XRT86VL30_08 Datasheet
363Kb / 62P
   T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
logo
Maxim Integrated Produc...
DS26503DK MAXIM-DS26503DK Datasheet
1Mb / 30P
   T1/E1/J1 BITS Element Design Kit
REV: 031507
DS26504DK MAXIM-DS26504DK Datasheet
1Mb / 30P
   T1/E1/J1/64K/8KCC BITS Element Design Kit
REV: 031507
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com