Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GJ5103 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GJ5103
Description  NPN HIGH SPEED SWITCHING TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GJ5103 Datasheet(HTML) 2 Page - GTM CORPORATION

  GJ5103 Datasheet HTML 1Page - GTM CORPORATION GJ5103 Datasheet HTML 2Page - GTM CORPORATION GJ5103 Datasheet HTML 3Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GJ5103
Page: 2/3
ISSUED DATE :2005/10/03
REVISED DATE :
ton (Turn-on Time)
-
-
0.3
tstg (Storage Time)
-
-
1.5
tf (Fall Time)
-
0.1
0.3
uS
IC=3A , RL=10
IB1=-IB2=0.15A
VCC 30V
*Measure using pulse current
Switching Time Test Circuit
Characteristics Curve


Similar Part No. - GJ5103

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GJ5103 ETL-GJ5103 Datasheet
417Kb / 3P
   N P N H I G H S P E E D S WI T C H I N G T R A N S I S T O R
More results

Similar Description - GJ5103

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GI5103 GTM-GI5103 Datasheet
414Kb / 3P
   NPN HIGH SPEED SWITCHING TRANSISTOR
logo
KEC(Korea Electronics)
KTH2369 KEC-KTH2369 Datasheet
309Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
logo
Seme LAB
2N2222A SEME-LAB-2N2222A Datasheet
14Kb / 2P
   HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR
logo
NEC
2SC4175 NEC-2SC4175 Datasheet
294Kb / 4P
   HIGH SPEED SWITCHING NPN SILICON EPITAXIAL TRANSISTOR
logo
Seme LAB
2N2222A SEME-LAB-2N2222A_09 Datasheet
41Kb / 2P
   HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR
logo
List of Unclassifed Man...
ZTX314 ETC-ZTX314 Datasheet
36Kb / 1P
   NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZTX360 DIODES-ZTX360 Datasheet
39Kb / 1P
   NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTOR
logo
List of Unclassifed Man...
ZTX360 ETC-ZTX360 Datasheet
35Kb / 1P
   NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTOR
logo
KEC(Korea Electronics)
KTN2369U KEC-KTN2369U Datasheet
152Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
logo
NTE Electronics
NTE2581 NTE-NTE2581 Datasheet
24Kb / 2P
   Silicon NPN Transistor High Speed Switching Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com