Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD12115T1F Datasheet(PDF) 4 Page - NEC

Part # UPD12115T1F
Description  MOS INTEGRATED CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD12115T1F Datasheet(HTML) 4 Page - NEC

  UPD12115T1F Datasheet HTML 1Page - NEC UPD12115T1F Datasheet HTML 2Page - NEC UPD12115T1F Datasheet HTML 3Page - NEC UPD12115T1F Datasheet HTML 4Page - NEC UPD12115T1F Datasheet HTML 5Page - NEC UPD12115T1F Datasheet HTML 6Page - NEC UPD12115T1F Datasheet HTML 7Page - NEC UPD12115T1F Datasheet HTML 8Page - NEC UPD12115T1F Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet G18851EJ1V0DS
4
μ PD12115
ELECTRICAL CHARACTERISTICS
(TJ = 25
°C, VIN = VON/OFF = 2.5 V, IO = 0.5 A, CIN = 0.1
μ F, COUT = 10 μ F, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VO1
1.47
1.5
1.53
V
Output Voltage
VO2
2.5 V
≤ VIN ≤ 5.5 V, 0 A ≤ IO ≤ 1.0 A
(1.455)
(1.545)
V
Line Regulation
REGIN
2.5 V
≤ VIN ≤ 5.5 V
1
15
mV
Load Regulation
REGL
0 A
≤ IO ≤ 1.0 A
1
15
mV
IBIAS1
IO = 0 A
150
300
μ A
Quiescent Current
IBIAS2
IO = 1.0 A
(1600)
(3000)
μ A
ΔIBIAS1
2.5 V
≤ VIN ≤ 5.5 V
(10)
(300)
μ A
Quiescent Current Change
ΔIBIAS2
0 A
≤ IO ≤ 1.0 A
(1450)
(3000)
μ A
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
165
μ Vr.m.s.
Ripple Rejection
R • R
f = 1 kHz, 2.5 V
≤ VIN ≤ 3.5 V
65
dB
Dropout Voltage
VDIF
IO = 1.0 A
0.6
1.0
V
Short Circuit Current
IOshort
0.7
A
Peak Output Current
IOpeak
1.0
A
Temperature Coefficient of
Output Voltage
ΔVO/ΔT
IO = 5 mA, 0
°C ≤ TJ ≤ 125°C
0.02
mV/
°C
ON-state Voltage
VON
IO = 0 A
1.5
VIN
V
OFF-state Voltage
VOFF
IO = 0 A
0.5
V
ON-state ON/OFF Pin Current
ION
IO = 0 A
2
μ A
Standby Current
IBIAS(OFF)
VON/OFF = 0 V
1
μ A
Remark Values in parentheses are product design values, and are thus provided as reference values.


Similar Part No. - UPD12115T1F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD12115T1F RENESAS-UPD12115T1F Datasheet
365Kb / 12P
   MOS INTEGRATED CIRCUIT
2007
More results

Similar Description - UPD12115T1F

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com