Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD12115 Datasheet(PDF) 2 Page - NEC

Part # UPD12115
Description  MOS INTEGRATED CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD12115 Datasheet(HTML) 2 Page - NEC

  UPD12115 Datasheet HTML 1Page - NEC UPD12115 Datasheet HTML 2Page - NEC UPD12115 Datasheet HTML 3Page - NEC UPD12115 Datasheet HTML 4Page - NEC UPD12115 Datasheet HTML 5Page - NEC UPD12115 Datasheet HTML 6Page - NEC UPD12115 Datasheet HTML 7Page - NEC UPD12115 Datasheet HTML 8Page - NEC UPD12115 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Data Sheet G18851EJ1V0DS
2
μ PD12115
ORDERING INFORMATION
Part Number
Package
Output Voltage
Type
Marking
μ PD12115T1F
5-PIN TO-252 (5-PIN MP-3ZK)
1.5 V
Fixed
12115
Remark Since it is the tape-packaged product, “-E1” or “-E2” is added to the end of its product name.
Part Number
Package
Package Type
μ PD12115T1F-E1-AT
Note
5-PIN TO-252 (5-PIN MP-3ZK)
• 16 mm wide embossed taping
• Pin 1 on draw-out side
• 2,500 pcs/reel
μ PD12115T1F-E2-AT
Note
5-PIN TO-252 (5-PIN MP-3ZK)
• 16 mm wide embossed taping
• Pin 1 at take-up side
• 2,500 pcs/reel
Note Pb-free (This product does not contain Pb in the external electrode and other parts.)
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Rating
Unit
Input Voltage
VIN
−0.3 to +6.0
V
ON/OFF Pin Voltage
VON/OFF
−0.3 to VIN
V
Internal Power Dissipation (TC = 25
°C)
Note
PT
10
W
Operating Ambient Temperature
TA
−40 to +85
°C
Operating Junction Temperature
TJ
−40 to +150
°C
Storage Temperature
Tstg
−55 to +150
°C
Thermal Resistance (junction to ambient)
Rth(J-A)
125
°C/W
Thermal Resistance (junction to case)
Rth(J-C)
12.5
°C/W
Note Internally limited. When the operating junction temperature rises above 150
°C, the internal circuit shuts down
the output voltage.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
TYPICAL CONNECTION
GND
GND
D2
PD12115
μ
OUTPUT
OUTPUT
INPUT
ON/OFF
INPUT
CIN
COUT
D1


Similar Part No. - UPD12115

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD12115 RENESAS-UPD12115 Datasheet
365Kb / 12P
   MOS INTEGRATED CIRCUIT
2007
UPD12115T1F RENESAS-UPD12115T1F Datasheet
365Kb / 12P
   MOS INTEGRATED CIRCUIT
2007
More results

Similar Description - UPD12115

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com