Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLP40-3000 Datasheet(PDF) 4 Page - Power-One

Part # BLP40-3000
Description  40 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

BLP40-3000 Datasheet(HTML) 4 Page - Power-One

  BLP40-3000 Datasheet HTML 1Page - Power-One BLP40-3000 Datasheet HTML 2Page - Power-One BLP40-3000 Datasheet HTML 3Page - Power-One BLP40-3000 Datasheet HTML 4Page - Power-One BLP40-3000 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BLP40 AC-DC Series Data Sheet
40 Watts
REV. MAR 31, 2006
Page 4 of 5
www.power-one.com
5.00
(127.0)
3.00
(76.2)
CN4
1.23
1.07
(27.2)
(2.5)
0.1
0.06
4.55
2.55
Ø 0.16 (4 PL)
PRINTED CIRCUIT BOARD
FASTENER
CLEARANCE AREA
(4 PL)
0.27" DIA
(6.86)
SAFETY GROUND
CONNECTION POINT #1
CN1 INPUT
CONNECTOR
CN2 - DC OUTPUT
CONNECTOR
(SEE PINOUT
TABLE)
PIN 1
VOUT
PIN 2
VOUT
PIN 3
VOUT
PIN 4
DC COM
PIN 5
DC COM
PIN 6
DC COM
TOP VIEW
SIDE VIEW
END VIEW
PIN 1
+ SENSE
PIN 2
- SENSE
CN2 - DC CON
CN3 - REMOTE SENSE.CON
PIN 1
NEUTRAL
PIN 2
MISSING PIN
PIN 3
LINE
CN1 - AC CONN.
PIN #1
PIN #1
SAFETY GROUND CONNECTION POINT #2, FASTON TAB,
0.25", 0.03" THICK
SECONDARY GROUND
CN3 - REMOTE SENSE
CONNECTOR
(APPROX. LOCATION)
PIN #1
(115.6)
(64.8)
(31.2)
(1.5)
RECOMMENDED MATING CONNECTORS
CN1
MOLEX 09-50-8031
08-52-0113
LEOCO 3940S030000
3983TCB0000
CN2
MOLEX 09-50-8061
08-52-0113
LEOCO 3940S060000
3983TCB0000
CN3
MOLEX 22-01-3027
08-52-0113
LEOCO 2530S020000
2533TPB0000
HOUSING
PIN
(4.1)
Overall Size: 3.00" x 5.00" x 1.23" (76.2mm x 127.0mm x 31.2mm) Weight: 0.51 lb (0.23 kg)
Mechanical Drawing
(Single-Output Models)
NOTE: This is an outline drawing only. The detailed location of components is not shown.


Similar Part No. - BLP40-3000

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BLP4040 BELLING-BLP4040 Datasheet
75Kb / 2P
   BLP4040
More results

Similar Description - BLP40-3000

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPT40-M ASTEC-LPT40-M Datasheet
81Kb / 3P
   40 Watts
LPT40 ASTEC-LPT40 Datasheet
82Kb / 3P
   40 Watts
SA40-1313 ASTEC-SA40-1313 Datasheet
513Kb / 2P
   40 Watts
APC12 ASTEC-APC12 Datasheet
183Kb / 2P
   40 Watts
LPS40 ASTEC-LPS40 Datasheet
84Kb / 3P
   40 Watts
logo
Emerson Network Power
DP4009N2M EMERSON-NETWORKPOWER-DP4009N2M Datasheet
297Kb / 2P
   40 Watts
logo
Anaren Microwave
250250-4X50-2 ANAREN-250250-4X50-2 Datasheet
309Kb / 2P
   40 Watts
logo
Artesyn Technologies
DP4048N2M ARTESYN-DP4048N2M Datasheet
516Kb / 2P
   DP40 40 Watts
logo
Astec America, Inc
LPS40-M ASTEC-LPS40-M Datasheet
83Kb / 3P
   40 Watts Medical
logo
Artesyn Technologies
DP4009N3M ARTESYN-DP4009N3M Datasheet
516Kb / 2P
   DP40 40 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com