Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8946J Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8946J
Description  2 x 15 W stereo Bridge Tied Load BTL audio amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8946J Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8946J Datasheet HTML 6Page - NXP Semiconductors TDA8946J Datasheet HTML 7Page - NXP Semiconductors TDA8946J Datasheet HTML 8Page - NXP Semiconductors TDA8946J Datasheet HTML 9Page - NXP Semiconductors TDA8946J Datasheet HTML 10Page - NXP Semiconductors TDA8946J Datasheet HTML 11Page - NXP Semiconductors TDA8946J Datasheet HTML 12Page - NXP Semiconductors TDA8946J Datasheet HTML 13Page - NXP Semiconductors TDA8946J Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Philips Semiconductors
TDA8946J
2 x 15 W stereo BTL audio amplifier
Product specification
Rev. 02 — 14 March 2000
10 of 23
9397 750 06863
© Philips Electronics N.V. 2000. All rights reserved.
No bandpass filter applied.
Fig 7.
Total harmonic distortion as function of frequency.
THD = 10%.
Fig 8.
Output power as function of supply voltage.
Fig 9.
Total power dissipation as function of supply
voltage.
handbook, full pagewidth
10
1
10−1
10−2
10
102
103
104
105
106
MGU004
VCC = 12 V
VCC = 18 V
VCC = 12 V
VCC = 18 V
Po = 0.1 W
Po = 1 W
THD
(%)
f (Hz)
handbook, halfpage
20
16
8
4
12
0
04
8
12
16
VCC (V)
Po
(W)
20
MGU010
RL = 8 Ω
16
handbook, halfpage
20
16
8
4
12
0
04
8
12
16
VCC (V)
Ptot
(W)
20
MGU011
RL = 8 Ω
16


Similar Part No. - TDA8946J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8946AJ NXP-TDA8946AJ Datasheet
405Kb / 20P
   2 x 15 W BTL audio amplifier with DC gain control
Rev. 01-01 March 2002
More results

Similar Description - TDA8946J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8944J PHILIPS-TDA8944J Datasheet
580Kb / 21P
   2 x 7 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 February 2000
TDA8942P PHILIPS-TDA8942P Datasheet
395Kb / 23P
   2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8945S PHILIPS-TDA8945S Datasheet
363Kb / 21P
   15 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8943SF PHILIPS-TDA8943SF Datasheet
358Kb / 20P
   6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8941P PHILIPS-TDA8941P Datasheet
370Kb / 21P
   1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
TFA9810 NXP-TFA9810 Datasheet
148Kb / 29P
   Stereo full-bridge audio amplifier 2 x 12 W
Rev. 02-30 August 2007
TFA9815 NXP-TFA9815 Datasheet
139Kb / 26P
   Stereo full-bridge audio amplifier 2 x 17 W
Rev. 01-16 December 2008
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TFA9810TN1 PHILIPS-TFA9810TN1 Datasheet
172Kb / 29P
   Stereo full-bridge audio amplifier 2 x 12 W
Rev. 03-20 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com