Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GJ78M18 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GJ78M18
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GJ78M18 Datasheet(HTML) 1 Page - GTM CORPORATION

  GJ78M18 Datasheet HTML 1Page - GTM CORPORATION GJ78M18 Datasheet HTML 2Page - GTM CORPORATION GJ78M18 Datasheet HTML 3Page - GTM CORPORATION GJ78M18 Datasheet HTML 4Page - GTM CORPORATION GJ78M18 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GJ78MXX
Page: 1/5
ISSUED DATE :2004/12/15
REVISED DATE :2005/12/13B
G
G JJ7788M
M X
X X
X
3-TERMINAL POSITIVE VOLTAGE REGULATOR
Description
The GJ78MXX series of three-terminal positive regulators are available in the TO-252 package and with 5V, 6V, 8V, 9V, 12V, 15V, 18V and
24V fixed output voltages, making it useful in a wide range of applications. These regulators can provide local on-card regulation,
eliminating the distribution problems associated with single point regulation. Each type employs internal current limiting, thermal shut-down
and safe operating area protection, making it essentially indestructible. If adequate heat sinking is provided, they can deliver over 0.5A
output current. Although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain
adjustable voltages and currents. GJ78MXX is characterized for operation from 0 : to +125 : .
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
2.40
3.00
K
0
0.15
E
2.30 REF.
L
0.90
1.50
F
0.70
0.90
M
5.40
5.80
S
0.60
0.90
R
0.80
1.20
Absolute Maximum Ratings
Parameter
Ratings
Unit
Input Voltage
35V
V
Operating Temperature Range
0 ~ +125
:
Output Current
500
mA
Storage Temperature Range
-65 ~ +150
:
Total Power Dissipation
1.0*
W
*Reduced by 8mW for each increase in Ta of 1 : over 25 : (without heat sink)
Electrical Characteristics
GJ78M05 (Refer to the test circuits, Ta=25 : , Io=350mA, Vin=10V, Cin=0.33 F, Co=0.1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
4.80
5.0
5.20
I
o=350mA
VO
4.75
-
5.25
V
7.5V Vin 20V , 5mA Io 350mA
-
3
100
7V Vin 25V, Io=200mA
VO
(Line Regulation)
-
1
50
mV
8V Vin 12V, Io=200mA
-
30
100
5mA Io 500mA
VO
(Load Regulation)
-
12
50
mV
5mA Io 200mA
I
Q
-
3.0
6.0
mA
I
o=0mA
-
-
0.5
5mA Io 350mA
I
Q
-
-
0.8
mA
8V Vin 25V, Io=200mA
Vn
-
40
-
V
10Hz f 100KHz
RR
62
-
-
dB
8V Vin 18V, f=120Hz, Io=100mA,eIN=1Vrms
VD
-
2.0
-
V
I
o=500mA
I
sc
-
400
-
mA
Vin=25V
I
pk
-
700
-
mA
Tj=25 :
Vo / Tj
-
-1.0
-
mV/ :
I
o=5mA, 0 : Tj 125 :
TO-252


Similar Part No. - GJ78M18

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GJ7805 GTM-GJ7805 Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ7805 GTM-GJ7805 Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ7806 GTM-GJ7806 Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ7806 GTM-GJ7806 Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ7808 GTM-GJ7808 Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Similar Description - GJ78M18

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com