Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME5142BAEEY Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME5142BAEEY
Description  White LED Boost Converter In Tiny Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5142BAEEY Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME5142BAEEY Datasheet HTML 3Page - Analog Microelectronics AME5142BAEEY Datasheet HTML 4Page - Analog Microelectronics AME5142BAEEY Datasheet HTML 5Page - Analog Microelectronics AME5142BAEEY Datasheet HTML 6Page - Analog Microelectronics AME5142BAEEY Datasheet HTML 7Page - Analog Microelectronics AME5142BAEEY Datasheet HTML 8Page - Analog Microelectronics AME5142BAEEY Datasheet HTML 9Page - Analog Microelectronics AME5142BAEEY Datasheet HTML 10Page - Analog Microelectronics AME5142BAEEY Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AME, Inc.
9
AME5142
White LED Boost Converter
In Tiny Package
Rev. A.01
n Application Hints
Calculating Load Current
The load current is related to the average inductor cur-
rent by the relation:
I
LOAD = IIND (AVG) x (1 - D)
Where
“D” is the duty cycle of the application. The
switch current can be found by:
I
SW = IIND (AVG) + 1 /2 (IRIPPLE)
Inductor ripple current is dependent on inductance, duty
cycle, input voltage and frequency:
I
RIPPLE = D x (VIN-VSW) / (f x L)
Combining all terms, we can develop an expression
which allows the maximum available load current to be
calculated:
Thermal Considerations
Shutdown Pin Operation
I
LOAD =
( 1-D ) x ( I
SW (max) -
)
D ( V
IN-VSW )
2fL
At higher duty cycles, the increased ON time of the
FET means the maximum output current will be deter-
mined by power dissipation within the AME5142 switch.
The switch power dissipation from ON-state conduction
is calculated by:
P
(SW) = D x IIND(AVE)2 x RDS(ON)
There will be some switching losses as well, so some
derating needs to be applied when calculating IC power
dissipation.
The device is turned off by pulling the shutdown pin low.
If this function is not going to be used, the pin should be
tied directly to V
IN. If the SHDN function will be needed, a
pull-up resistor must be used to V
IN (approximately 50k-
100k recommended). The EN pin must not be left
unterminated.
Dimming Control
A. Using a PWM Signal to EN Pin
For controlling the LED brightness, the AME5142 can
perform the dimming control by applying a PWM signal to
EN pin.
The average LED current is proportional to the PWM
signal duty cycle. The magnitude of the PWM signal should
be higher than the maximum enable voltage of EN pin, in
order to let the dimming control perform correctly.
L1
10
µH
AME5142
GND
IN
EN
SW
FB
V
IN 2.7V to 5.5V
OVP
V
OUT
C
OUT
1
µF
Dimming
Control
25KHz to 100KHz
R1
7.5
C
IN
4.7
µF
Figure 5. PWM Dimming Control Using the EN Pin


Similar Part No. - AME5142BAEEY

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5140 AME-AME5140 Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEAADJY AME-AME5140AEEAADJY Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEAADJZ3 AME-AME5140AEEAADJZ3 Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEVADJY AME-AME5140AEEVADJY Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEVADJZ AME-AME5140AEEVADJZ Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
More results

Similar Description - AME5142BAEEY

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9271 RICHTEK-RT9271 Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
logo
Eutech Microelectronics...
EUP2571 EUTECH-EUP2571 Datasheet
370Kb / 14P
   White LED Step-Up Converter In Tiny SOT-23 Package
logo
Fitipower Integrated Te...
FP6737 FITIPOWER-FP6737 Datasheet
541Kb / 12P
   Built-In OVP White LED Step-Up Converter in Tiny Package
logo
Eutech Microelectronics...
EUP2584 EUTECH-EUP2584 Datasheet
374Kb / 11P
   White LED Step-Up Converter In Tiny SOT-23 Package
EUP2584A EUTECH-EUP2584A Datasheet
425Kb / 11P
   White LED Step-Up Converter In Tiny SOT-23 Package
EUP2539 EUTECH-EUP2539 Datasheet
236Kb / 11P
   10 White LED Boost Converter In Thin TSOT-23 Package
logo
Linear Technology
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Eutech Microelectronics...
EUP2537 EUTECH-EUP2537 Datasheet
368Kb / 1P
   10 White LED Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com