Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B69812N2327A314 Datasheet(PDF) 1 Page - EPCOS

Part # B69812N2327A314
Description  Microwave Ceramics and Modules 2-Pole Filter for SIRIUS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B69812N2327A314 Datasheet(HTML) 1 Page - EPCOS

  B69812N2327A314 Datasheet HTML 1Page - EPCOS B69812N2327A314 Datasheet HTML 2Page - EPCOS B69812N2327A314 Datasheet HTML 3Page - EPCOS B69812N2327A314 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microwave Ceramics and Modules
Filter
2-Pole Filter for SIRIUS
B69812N2327A314
Data Sheet
ISSUE DATE
12.03.04
ISSUE
B
PUBLISHER
SAW MWC PD
PAGE
1/4
Features
SMD filter consisting of coupled resonators with stepped impedances
(NdBa)TiO3 (εr = 88 / TCf =0±10 ppm/K) with a coating of copper (10µm) and tin (>5µm)
Excellent reflow solderability, no migration effect due to copper/tin metallization
Index
Page 2
• Component drawing
• Recommended footprint
Page 3
• Characteristics
• Maximum ratings
• Typical passband characteristic
Page 4
• Processing information
• Soldering requirements
• Delivery mode


Similar Part No. - B69812N2327A314

ManufacturerPart #DatasheetDescription
logo
EPCOS
B69812N2147A360 EPCOS-B69812N2147A360 Datasheet
171Kb / 4P
   Microwave Ceramics and Modules
B69812N2457A301 EPCOS-B69812N2457A301 Datasheet
174Kb / 4P
   Microwave Ceramics and Modules 2-Pole Filter for W-LAN
B69812N2457B111 EPCOS-B69812N2457B111 Datasheet
201Kb / 4P
   Microwave Ceramics and Modules
B69812N2457C201 EPCOS-B69812N2457C201 Datasheet
206Kb / 4P
   2 - Pole Filter for W - LAN
B69812N2457D101 EPCOS-B69812N2457D101 Datasheet
200Kb / 4P
   Microwave Ceramics and Modules
More results

Similar Description - B69812N2327A314

ManufacturerPart #DatasheetDescription
logo
EPCOS
B69812N1897K320 EPCOS-B69812N1897K320 Datasheet
156Kb / 4P
   Microwave Ceramics and Modules 2-Pole Filter for DECT
B69812N2457A301 EPCOS-B69812N2457A301 Datasheet
174Kb / 4P
   Microwave Ceramics and Modules 2-Pole Filter for W-LAN
B69842N5807A150 EPCOS-B69842N5807A150 Datasheet
173Kb / 5P
   Microwave Ceramics and Modules 2 Pole Filter for W-LAN 5GHz /5.725-5.875 Band
B69812N1577B302 EPCOS-B69812N1577B302 Datasheet
202Kb / 4P
   Microwave Ceramics and Modules
B69812N2457D101 EPCOS-B69812N2457D101 Datasheet
200Kb / 4P
   Microwave Ceramics and Modules
B69812N2457B111 EPCOS-B69812N2457B111 Datasheet
201Kb / 4P
   Microwave Ceramics and Modules
B69843N3507A160 EPCOS-B69843N3507A160 Datasheet
157Kb / 4P
   Microwave Ceramics and Modules
B69812N1577C403 EPCOS-B69812N1577C403 Datasheet
183Kb / 4P
   Microwave Ceramics and Modules
B69812N2147A360 EPCOS-B69812N2147A360 Datasheet
171Kb / 4P
   Microwave Ceramics and Modules
B69813N2327A414 EPCOS-B69813N2327A414 Datasheet
163Kb / 4P
   3-Pole Filter for SIRIUS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com