Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GISD1802 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GISD1802
Description  PNP EPITAXIAL PLANAR SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GISD1802 Datasheet(HTML) 1 Page - GTM CORPORATION

  GISD1802 Datasheet HTML 1Page - GTM CORPORATION GISD1802 Datasheet HTML 2Page - GTM CORPORATION GISD1802 Datasheet HTML 3Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
G
ISD1802
Page: 1/3
ISSUED DATE :2005/01/13
REVISED DATE :
G
G IIS
S D
D 11880022
N
N P
P N
N E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R S
S II L
L II C
C O
O N
N T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GISD1802 applies to voltage regulators, relay drivers, lamp drivers, and electrical equipment.
Features
*Adoption of FBET, MBIT processes
*Large current capacity and wide ASO
*Low collector-to-emitter saturation voltage
*Fast switching speed
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
7.20
7.80
K
0.45
0.60
E
2.30 REF.
L
0.90
1.50
F
0.60
0.90
M
5.40
5.80
Absolute Maximum Ratings (Ta = 25 , unless otherwise specified)
:
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
6
V
Collector Current(DC)
IC
3
A
Collector Current(Pulse)
ICP
6
A
PD
1
W
Collector Dissipation
Tc=25 :
20
W
Electrical Characteristics (Ta = 25 : unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
V(BR)CBO
60
-
-
V
IC=10uA, IE=0
V(BR)CEO
50
-
-
V
IC=1mA, RBE=
V(BR)EBO
6
-
-
V
IE=10uA, IC=0
ICBO
-
-
1
A
VCB=40V, IE=0
IEBO
-
-
1
A
VEB=4V, IC=0
VCE(sat)
-
0.19
0.5
V
IC=2A, IB=0.1A
VBE(sat)
-
0.94
1.2
V
IC=2A, IB=0.1A
hFE1
100
-
560
VCE=2V, IC=0.1A
hFE2
35
-
-
VCE=2V, IC=3A
fT
-
150
-
MHZ
VCE=10V,IC=50mA
ton
-
70
-
ns
See test circuit
tstg
-
650
-
ns
See test circuit
tf
-
35
-
ns
See test circuit
Cob
-
25
-
pF
VCB=10V, f=1MHz
TO-251


Similar Part No. - GISD1802

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GISD1802 ETL-GISD1802 Datasheet
548Kb / 3P
   N P N E P I T A X I A L P L A N A R S I L I C O N T R A N S I S T O R
More results

Similar Description - GISD1802

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com