Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8822 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8822
Description  Universal I2C-bus programmable RF modulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8822 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8822 Datasheet HTML 6Page - NXP Semiconductors TDA8822 Datasheet HTML 7Page - NXP Semiconductors TDA8822 Datasheet HTML 8Page - NXP Semiconductors TDA8822 Datasheet HTML 9Page - NXP Semiconductors TDA8822 Datasheet HTML 10Page - NXP Semiconductors TDA8822 Datasheet HTML 11Page - NXP Semiconductors TDA8822 Datasheet HTML 12Page - NXP Semiconductors TDA8822 Datasheet HTML 13Page - NXP Semiconductors TDA8822 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1997 Jan 08
10
Philips Semiconductors
Preliminary specification
Universal I2C-bus programmable RF
modulator
TDA8822
Table 6
RF oscillator on/off setting (see note 1)
Note
1. This table is valid only if bit TPSG is set to logic 0.
Table 7
Output port programming
Table 8
Overview of the normal modes
Note
1. X means logic 0 or logic 1, don’t care.
STATE OF RF0
ACTION ON RF OSCILLATOR
0
stopped; no RF carrier
1
operating; normal use
STATE OF P0
PORT STATE
VOLTAGE ON PORT
(with a pull-up resistor to VCCD)
0
high impedance
close to VCCD
1
sinking current
close to 0 V
T0
RF0
TPSG
P0
PIN TPSG
MODE
010
X(1)
input: open
RF on; TPSG off
010
X(1)
input: to DGND
RF on; TPSG on
011
X(1)
output: sinking current
RF on; TPSG on
000
X(1)
input: open or to DGND
RF off
001
X(1)
input: open
RF on; TPSG off; sound oscillator off
001
X(1)
input: to DGND
RF on; TPSG on; sound oscillator off
0X(1)
X(1)
0X(1)
Port P0 off (high impedance)
0X(1)
X(1)
1X(1)
Port P0 on (sinking current)


Similar Part No. - TDA8822

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8808AT PHILIPS-TDA8808AT Datasheet
133Kb / 22P
   Photo diode signal processor for compact disc players
November 1987
TDA8808T PHILIPS-TDA8808T Datasheet
133Kb / 22P
   Photo diode signal processor for compact disc players
November 1987
TDA8809T PHILIPS-TDA8809T Datasheet
94Kb / 16P
   Radial error signal processor for compact disc players
November 1987
TDA8840 PHILIPS-TDA8840 Datasheet
419Kb / 68P
   I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
TDA8840H PHILIPS-TDA8840H Datasheet
419Kb / 68P
   I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
More results

Similar Description - TDA8822

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8722 PHILIPS-TDA8722 Datasheet
196Kb / 28P
   I2C-bus programmable modulator for negative video modulation and FM sound
1998 Jun 23
logo
Mitel Networks Corporat...
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Zarlink Semiconductor I...
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
   Frequency Synthesiser (I2C BUS Programmable)
logo
Broadcom Corporation.
BCM3033 BOARDCOM-BCM3033 Datasheet
137Kb / 2P
   QAMLINK UNIVERSAL MODULATOR
logo
List of Unclassifed Man...
CXA1122AM ETC1-CXA1122AM Datasheet
39Kb / 1P
   RF MODULATOR
logo
Broadcom Corporation.
BCM3034 BOARDCOM-BCM3034 Datasheet
122Kb / 2P
   UNIVERSAL ADVANCED DOWNSTREAM MODULATOR
logo
Intersil Corporation
HSP50415 INTERSIL-HSP50415_07 Datasheet
876Kb / 29P
   Wideband Programmable Modulator (WPM)
HSP50415 INTERSIL-HSP50415 Datasheet
229Kb / 29P
   Wideband Programmable Modulator (WPM)
logo
Sony Corporation
CXA1122AP SONY-CXA1122AP Datasheet
736Kb / 7P
   VTR RF Modulator
logo
Renesas Technology Corp
HSP50415 RENESAS-HSP50415 Datasheet
1Mb / 29P
   Wideband Programmable Modulator (WPM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com