Part Name
         Description
TDA8809T

 Radial error signal processor for compact disc players ( 16 Page)


PHILIPS
100% 
Zoom Out Zoom In
 
 4 page
background image
November 1987
4
Philips Semiconductors
Product specification
Radial error signal processor for compact
disc players
TDA8809T
PINNING
PIN
MNEMONIC
DESCRIPTION
1VP
Positive supply voltage
2Cosc1
Frequency setting capacitors for
oscillator
3Cosc2
4Rwob
Wobble generator input
5Rosc
Biassing resistor for oscillator
frequency and internal amplitude
6
DIV4
Divide-by-4 input
7
REdig
Digital output of sign (Re2 - Re1)
8B3
Input control bits for off-, catch-,
play-status and DAC output
current
9B2
10
B1
11
B0
12
Vext(+)
Positive external voltage input
13
Vext(−)
Negative external voltage input
(also substrate connection)
14
GND
Negative supply connection
15
RADout
Current output of amplified
(Re2 - Re1) input currents
16
REin
Radial error input
17
RElag
Voltage output of integrated
(Re2 - Re1) input currents
18
Lag
Connection of integrator capacitor
for (Re1 - Re2) input currents
19
Lead
Lead output
20
Vref
Internal reference voltage output
21
AGC
Gain control input for radial error
signal
22
RDAC
Biassing resistor for current
output for track jumping (31
2 bits)
23
offset in
Offset control input for radial
offset
24
offset out
Offset control output for radial
offset
25
CLPF
Low-pass filter for Re1 and Re2,
used for radial offset control
26
CHPF
High-pass filter for Re1 and Re2,
used for radial offset control
27
Re1
Input for amplified currents from
photo-diodes D1 and D2
28
Re2
Input for amplified currents from
photo diodes D3 and D4
Fig.2 Pinning diagram.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5709RADIAL ERROR SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS 1 2 3 4 5 MoreNXP Semiconductors
TDA5708PHOTO DIODE SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LC7865EDigital Signal Processor for Compact Disc Players 1 2 Sanyo Semicon Device
LC7860KADIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS 1 2 3 4 5 MoreSanyo Semicon Device
LC78681EDigital Signal Processor for Compact Disc Players 1 2 3 4 5 MoreSanyo Semicon Device
TDA8808TPhoto diode signal processor for compact disc players 1 2 3 4 5 MoreNXP Semiconductors
LC7861KEDigital Signal Processor for Compact Disc Players 1 2 3 4 5 MoreSanyo Semicon Device
BU24545Servo signal processor for compact disc player 1 2 3 4 5 MoreRohm
BU9540KVServo signal processor for compact disc player 1 2 3 4 5 MoreRohm
BU9541AKVServo signal processor for compact disc player 1 2 3 4 5 MoreRohm

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl