Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8326IBDRBT Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS8326IBDRBT
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8326IBDRBT Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS8326IBDRBT Datasheet HTML 1Page - Burr-Brown (TI) ADS8326IBDRBT Datasheet HTML 2Page - Burr-Brown (TI) ADS8326IBDRBT Datasheet HTML 3Page - Burr-Brown (TI) ADS8326IBDRBT Datasheet HTML 4Page - Burr-Brown (TI) ADS8326IBDRBT Datasheet HTML 5Page - Burr-Brown (TI) ADS8326IBDRBT Datasheet HTML 6Page - Burr-Brown (TI) ADS8326IBDRBT Datasheet HTML 7Page - Burr-Brown (TI) ADS8326IBDRBT Datasheet HTML 8Page - Burr-Brown (TI) ADS8326IBDRBT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.ti.com
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS: V
DD = +5V
ADS8326
SBAS343 – MAY 2007
DERATING
FACTOR ABOVE
TA ≤ +25°C
TA = +70°C
TA = +85°C
PACKAGE
RθJC
RθJA
TA = +25°C
POWER RATING
POWER RATING
POWER RATING
DGK
+39.1
°C/W
+206.3
°C/W
4.847mW/
°C
606mW
388mW
315mW
DRB(1)
+5
°C/W
+45.8
°C/W
3.7mW/
°C
370mW
204mW
148mW
(1)
DRB (SON-8) package available Q4, 2007.
MIN
TYP
MAX
UNIT
Supply voltage, GND to VDD
Low-voltage levels
2.7
3.6
V
Supply voltage, GND to VDD
5V logic levels
4.5
5.0
5.5
V
Reference input voltage
0.1
VDD
V
–IN to GND
–0.3
0
0.5
V
Analog input voltage
+IN to GND
–0.3
VDD + 0.2
+IN – (–IN)
0
VREF
V
Operating junction temperature, TJ
–40
+125
°C
At –40
°C to +85°C, V
REF = +5V, –IN = GND, fSAMPLE = 250kHz, and fDCLOCK = 24 × fSAMPLE, unless otherwise noted.
ADS8326I
ADS8326IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale range
FSR +IN – (–IN)
0
VREF
0
VREF
V
Operating common-mode signal
–0.3
0.5
–0.3
0.5
V
–IN = GND, off
5
5
G
Input resistance
RON
–IN = GND, on
50
100
50
100
Input capacitance
–IN = GND, during sampling
48
48
pF
Input leakage current
–IN = GND
±50
±50
nA
Differential input capacitance
+IN to –IN, during sampling
20
20
pF
FS sinewave, SINAD =
Full-power bandwidth
FSBW
500
500
kHz
–60dB
DC ACCURACY
Resolution
16
16
Bits
No missing codes
NMC
16
16
Bits
Integral linearity error
INL
–3
±2
+3
–1.5
±1
+1.5
LSB
Differential linearity error
DNL
–1
±0.5
+2
–1
±0.4
+1
LSB
Offset error
VOS
–1.5
±0.75
+1.5
–1
±0.5
+1
mV
Offset error drift
TCVOS
±0.2
±0.2
ppm/
°C
Gain error
GERR
–24
+24
–12
+12
LSB
Gain error drift
TCGERR
±0.3
±0.3
ppm/
°C
Noise
30
30
µVRMS
Power-supply rejection
4.75V
≤ V
DD ≤ 5.25V
0.5
0.5
LSB
SAMPLING DYNAMICS
Conversion time
tCONV 24kHz ≤ fDCLOCK ≤ 6MHz
2.667
666.7
2.667
666.7
µs
(16 DCLOCKs)
Acquisition time
tAQ fDCLOCK = 6MHz
0.75
0.75
µs
(4.5 DCLOCKs)
Throughput rate
250
250
kSPS
(22 DCLOCKs)
Clock frequency
fDCLOCK
0.024
6
0.024
6
MHz
3
Submit Documentation Feedback


Similar Part No. - ADS8326IBDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8326IBDRBT TI1-ADS8326IBDRBT Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8326IBDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com