Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1313-CR1EMF Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1313-CR1EMF
Description  500 mA Synchronous Buck Regulator, 300 mA LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1313-CR1EMF Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1313-CR1EMF Datasheet HTML 3Page - Microchip Technology TC1313-CR1EMF Datasheet HTML 4Page - Microchip Technology TC1313-CR1EMF Datasheet HTML 5Page - Microchip Technology TC1313-CR1EMF Datasheet HTML 6Page - Microchip Technology TC1313-CR1EMF Datasheet HTML 7Page - Microchip Technology TC1313-CR1EMF Datasheet HTML 8Page - Microchip Technology TC1313-CR1EMF Datasheet HTML 9Page - Microchip Technology TC1313-CR1EMF Datasheet HTML 10Page - Microchip Technology TC1313-CR1EMF Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21974A-page 7
TC1313
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN1 = VIN2 = SHDN1,2 = 3.6V, COUT1 =CIN = 4.7 µF, COUT2 =1 µF, L =4.7 µH,
VOUT1 (ADJ) = 1.8V, TA =+25°C. Boldface specifications apply over the TA range of -40°C to +85°C. TA = +25°C. Adjustable or fixed-
output voltage options can be used to generate the Typical Performance Characteristics.
FIGURE 2-1:
IQ Switcher and LDO
Current vs. Ambient Temperature.
FIGURE 2-2:
IQ Switcher Current vs.
Ambient Temperature.
FIGURE 2-3:
IQ LDO Current vs. Ambient
Temperature.
FIGURE 2-4:
VOUT1 Output Efficiency vs.
Input Voltage (VOUT1 = 1.2V).
FIGURE 2-5:
VOUT1 Output Efficiency vs.
IOUT1 (VOUT1 = 1.2V).
FIGURE 2-6:
VOUT1 Output Efficiency vs.
Input Voltage (VOUT1 = 1.8V).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
52
54
56
58
60
62
64
66
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
VIN = 5.5V
VIN = 4.2V
VIN = 3.6V
SHDN1 = VIN2
SHDN2 = VIN2
30
32
34
36
38
40
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
VIN = 5.5V
VIN = 4.2V
VIN = 3.6V
SHDN1 = VIN2
SHDN2 = AGND
36
38
40
42
44
46
48
50
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
VIN = 5.5V
VIN = 4.2V
VIN = 3.6V
SHDN1 = AGND
SHDN2 = VIN2
50
55
60
65
70
75
80
85
90
95
100
2.7
3.05
3.4
3.75
4.1
4.45
4.8
5.15
5.5
Input Voltage (V)
IOUT1 = 100 mA
IOUT1 = 250 mA
IOUT1 = 500 mA
SHDN1 = VIN2
SHDN2 = AGND
70
75
80
85
90
95
100
0.005
0.104
0.203
0.302
0.401
0.5
IOUT1 (A)
VIN1 = 3.0V
VIN1 = 4.2V
VIN1 = 3.6V
SHDN1 = VIN2
SHDN2 = AGND
60
65
70
75
80
85
90
95
100
2.7
3.05
3.4
3.75
4.1
4.45
4.8
5.15
5.5
Input Voltage (V)
IOUT1 = 100 mA
IOUT1 = 250 mA
IOUT1 = 500 mA
SHDN1 = VIN2
SHDN2 = AGND


Similar Part No. - TC1313-CR1EMF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1313-1G0EMF MICROCHIP-TC1313-1G0EMF Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313-1G0EMFTR MICROCHIP-TC1313-1G0EMFTR Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313-1G0EUN MICROCHIP-TC1313-1G0EUN Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313-1G0EUNTR MICROCHIP-TC1313-1G0EUNTR Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313-1G1EMF MICROCHIP-TC1313-1G1EMF Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
More results

Similar Description - TC1313-CR1EMF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
   500 mA Synchronous BUCK Regulator
11/29/12
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com