Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8326IDGKR Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS8326IDGKR
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8326IDGKR Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS8326IDGKR Datasheet HTML 3Page - Burr-Brown (TI) ADS8326IDGKR Datasheet HTML 4Page - Burr-Brown (TI) ADS8326IDGKR Datasheet HTML 5Page - Burr-Brown (TI) ADS8326IDGKR Datasheet HTML 6Page - Burr-Brown (TI) ADS8326IDGKR Datasheet HTML 7Page - Burr-Brown (TI) ADS8326IDGKR Datasheet HTML 8Page - Burr-Brown (TI) ADS8326IDGKR Datasheet HTML 9Page - Burr-Brown (TI) ADS8326IDGKR Datasheet HTML 10Page - Burr-Brown (TI) ADS8326IDGKR Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
www.ti.com
PIN CONFIGURATION
1
2
3
4
8
7
6
5
V
DD
DCLOCK
D
OUT
CS/SHDN
REF
+IN
-IN
GND
ADS8326
REF
+IN
-IN
GND
V
DD
DCLOCK
D
OUT
CS/SHDN
1
2
3
4
8
7
6
5
ADS8326
(ThermalPad)
Equivalent Input Circuit (V
DD = 5.0V)
R
50W
ON
C
(SAMPLE)
48pF
V
DD
I/O
GND
V
DD
ANALOGIN
GND
DiodeTurn-OnVoltage:0.35V
EquivalentAnalogInputCircuit
V
DD
REF
GND
EquivalentReferenceInputCircuit
EquivalentDigitalInput/OutputCircuit
24pF
R
50W
ON
ADS8326
SBAS343 – MAY 2007
DGK PACKAGE
MSOP-8
(TOP VIEW)
DRB PACKAGE(1)(2)
SON-8
(TOP VIEW)
(1)
DRB package (SON-8) available Q4, 2007.
(2)
The DRB package thermal pad must be soldered to the printed circuit board for thermal and mechanical
performance.
PIN ASSIGNMENTS
PIN
I/O
DESCRIPTION
NAME
NO.
REF
1
Analog input
Reference input
+IN
2
Analog input
Noninverting input
–IN
3
Analog input
Inverting analog input
GND
4
Power-supply connection
Ground
CS/SHDN
5
Digital input
Chip select when low; Shutdown mode when high.
DOUT
6
Digital output
Serial output data word
DCLOCK
7
Digital input
Data clock synchronizes the serial data transfer and determines conversion speed.
VDD
8
Power-supply connection
Power supply
7
Submit Documentation Feedback


Similar Part No. - ADS8326IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8326IDGKR TI1-ADS8326IDGKR Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326IDGKRG4 TI1-ADS8326IDGKRG4 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8326IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com